Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA4303.184NLT Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA4303.184NLT
Description  Shielded Drum Core Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4303.184NLT Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA4303.184NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA4303.184NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA4303.184NLT Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P748.A (12/14)
1
pulseelectronics.com
Shielded Drum Core Inductor
PA4303.XXXNLT & PA4304.XXXNLT Series
Pulse Jack
E l e c t r o n i c s
Height: 4.5mm and 6.0mm Max
Footprint: 12.5 x 12.5 mm Max
Current Range: 0.32 to 8.5A
Inductance Range: 1uH to 1000uH
Electrical Specifications @ 25°C — Operating Temperature -40°C to 125°C
Pulse Part Number
Inductance (uH)
Rated Current (A) Max
DC Resistance (m
Ω) Max
Package Size (mm)
PA4303.102NLT
1.0
7.8
8
12.5 x 12.5 x 4.5
PA4303.122NLT
1.2
7.5
9
12.5 x 12.5 x 4.5
PA4303.152NLT
1.5
7.2
11
12.5 x 12.5 x 4.5
PA4303.182NLT
1.8
6.5
12
12.5 x 12.5 x 4.5
PA4303.222NLT
2.2
6
13
12.5 x 12.5 x 4.5
PA4303.272NLT
2.7
5.7
16
12.5 x 12.5 x 4.5
PA4303.332NLT
3.3
5.4
18
12.5 x 12.5 x 4.5
PA4303.392NLT
3.9
5.1
21
12.5 x 12.5 x 4.5
PA4303.472NLT
4.7
4.8
22
12.5 x 12.5 x 4.5
PA4303.562NLT
5.6
4.3
23
12.5 x 12.5 x 4.5
PA4303.682NLT
6.8
4.2
26
12.5 x 12.5 x 4.5
PA4303.822NLT
8.2
4
31
12.5 x 12.5 x 4.5
PA4303.103NLT
10
3.9
39
12.5 x 12.5 x 4.5
PA4303.123NLT
12
3.4
44
12.5 x 12.5 x 4.5
PA4303.153NLT
15
3.2
55
12.5 x 12.5 x 4.5
PA4303.183NLT
18
2.9
65
12.5 x 12.5 x 4.5
PA4303.223NLT
22
2.5
75
12.5 x 12.5 x 4.5
PA4303.273NLT
27
2.25
86
12.5 x 12.5 x 4.5
PA4303.333NLT
33
2
112
12.5 x 12.5 x 4.5
PA4303.393NLT
39
1.9
121
12.5 x 12.5 x 4.5
PA4303.473NLT
47
1.8
166
12.5 x 12.5 x 4.5
PA4303.563NLT
56
1.7
182
12.5 x 12.5 x 4.5
PA4303.683NLT
68
1.55
205
12.5 x 12.5 x 4.5
PA4303.823NLT
82
1.35
243
12.5 x 12.5 x 4.5
PA4303.104NLT
100
1.2
299
12.5 x 12.5 x 4.5
PA4303.124NLT
120
1.1
358
12.5 x 12.5 x 4.5
PA4303.154NLT
150
0.95
462
12.5 x 12.5 x 4.5
PA4303.184NLT
180
0.85
507
12.5 x 12.5 x 4.5
PA4303.224NLT
220
0.8
663
12.5 x 12.5 x 4.5
PA4303.274NLT
270
0.65
741
12.5 x 12.5 x 4.5
PA4303.334NLT
330
0.55
936
12.5 x 12.5 x 4.5
PA4303.394NLT
390
0.5
1050
12.5 x 12.5 x 4.5
PA4303.474NLT
470
0.44
1300
12.5 x 12.5 x 4.5


Similar Part No. - PA4303.184NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4303 PULSE-PA4303 Datasheet
1Mb / 3P
   POWER MAGNETICS
More results

Similar Description - PA4303.184NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4300.102NLT PULSE-PA4300.102NLT Datasheet
701Kb / 3P
   Shielded Drum Core Inductor
PA4320.103NLT PULSE-PA4320.103NLT Datasheet
285Kb / 2P
   Shielded Drum Core Inductor
PA4321.152NLT PULSE-PA4321.152NLT Datasheet
263Kb / 2P
   Shielded Drum Core Inductor
PA4320 PULSE-PA4320 Datasheet
416Kb / 4P
   Shielded Drum Core Inductor
PA4322 PULSE-PA4322 Datasheet
294Kb / 3P
   Shielded Drum Core Inductor
PA4330.471NLT PULSE-PA4330.471NLT Datasheet
524Kb / 2P
   Shielded Drum Core Inductor
PA4302.102NLT PULSE-PA4302.102NLT Datasheet
556Kb / 2P
   Shielded Drum Core Inductor
PA4333.221NLT PULSE-PA4333.221NLT Datasheet
255Kb / 2P
   Shielded Drum Core
PA4331.331NLT PULSE-PA4331.331NLT Datasheet
292Kb / 2P
   Shielded Drum Core
P1168.501NL PULSE-P1168.501NL Datasheet
213Kb / 2P
   Shielded Drum Core
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com