Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA4343.501NLT Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA4343.501NLT
Description  High Current Molded Power Inductor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4343.501NLT Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA4343.501NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA4343.501NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA4343.501NLT Datasheet HTML 3Page - Pulse A Technitrol Company PA4343.501NLT Datasheet HTML 4Page - Pulse A Technitrol Company PA4343.501NLT Datasheet HTML 5Page - Pulse A Technitrol Company PA4343.501NLT Datasheet HTML 6Page - Pulse A Technitrol Company PA4343.501NLT Datasheet HTML 7Page - Pulse A Technitrol Company PA4343.501NLT Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
P770.D (02/17)
1
pulseelectronics.com
SMT Power Inductor
High Current Molded Power Inductor - PA4343.XXXNLT Series
Height: 6.5mm Max
Footprint: 14.0mm x 12.8mm Max
Current Rating: up to 55.0A
Inductance Range: 0.15uH to 47.0uH
Shielded construction and compact design
High current, low DCR, and high efficiency
Minimized acoustic noise and minimized leakage flux
200Vdc Isolation between terminal and core
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Part
Number
Inductance
100KHz, 1V
Rated
Current
DC
Resistance
Saturation
Current
Max.
Mechanical
MAX.
TYP.
uH
A
m
m
A
PA4343.151NLT
0.15
±30%
55.0
0.60
0.49
118.0
Footprint 1
PA4343.221NLT
0.22
±20%
53.0
0.60
0.47
112.0
Footprint 1
PA4343.301NLT
0.30
±20%
48.0
0.72
0.60
72.0
Footprint 1
PA4343.331NLT
0.33
±20%
46.0
0.8
0.65
68.0
Footprint 1
PA4343.361NLT
0.36
±20%
45.0
0.9
0.7
66.0
Footprint 1
PA4343.401NLT
0.40
±20%
44.0
1.0
0.7
64.0
Footprint 1
PA4343.451NLT
0.45
±20%
42.0
1.2
0.9
63.0
Footprint 1
PA4343.471NLT
0.47
±20%
41.0
1.2
0.9
63.0
Footprint 1
PA4343.501NLT
0.50
±20%
40.0
1.25
0.92
60.0
Footprint 1
PA4343.561NLT
0.56
±20%
37.0
1.2
1.05
58.0
Footprint 1
PA4343.681NLT
0.68
±20%
35.0
1.5
1.25
55.0
Footprint 1
PA4343.821NLT
0.82
±20%
33.0
1.9
1.5
50.0
Footprint 1
PA4343.102NLT
1.00
±20%
30.0
2.3
1.7
48.0
Footprint 1
PA4343.142NLT
1.40
±20%
27.0
2.6
2.1
46.0
Footprint 1
PA4343.152NLT
1.50
±20%
27.0
3.0
2.5
45.0
Footprint 1
PA4343.182NLT
1.80
±20%
27.0
4.0
3.6
40.0
Footprint 2
PA4343.222NLT
2.20
±20%
22.0
4.2
3.8
37.0
Footprint 2
PA4343.272NLT
2.70
±20%
20.0
5.5
4.3
32.0
Footprint 2
PA4343.332NLT
3.30
±20%
18.0
6.8
5.7
30.0
Footprint 2
USA 858 674 8100
Germany 49 2354 777 100
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768


Similar Part No. - PA4343.501NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4343.501NLT PULSE-PA4343.501NLT Datasheet
2Mb / 5P
   SMT Power Inductor
More results

Similar Description - PA4343.501NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA5401 PULSE-PA5401 Datasheet
1Mb / 4P
   High Current Molded Power Inductor
logo
ETAL Group
P7637 ETAL-P7637 Datasheet
317Kb / 5P
   HIGH CURRENT MOLDED POWER INDUCTOR
logo
Pulse A Technitrol Comp...
PA4345.101NLT PULSE-PA4345.101NLT Datasheet
247Kb / 5P
   High Current Molded Power Inductor
PA5405 PULSE-PA5405 Datasheet
1Mb / 4P
   High Current Molded Power Inductor
PA4341.101NLT PULSE-PA4341.101NLT Datasheet
286Kb / 7P
   High Current Molded Power Inductor
PA4344.102NLT PULSE-PA4344.102NLT Datasheet
269Kb / 5P
   High Current Molded Power Inductor
PA5400 PULSE-PA5400 Datasheet
1Mb / 4P
   High Current Molded Power Inductor
PA5404 PULSE-PA5404 Datasheet
2Mb / 5P
   High Current Molded Power Inductor
logo
ETAL Group
P7631 ETAL-P7631 Datasheet
434Kb / 5P
   HIGH CURRENT MOLDED POWER INDUCTOR
P7638 ETAL-P7638 Datasheet
289Kb / 5P
   HIGH CURRENT MOLDED POWER INDUCTOR
P7641 ETAL-P7641 Datasheet
502Kb / 4P
   HIGH CURRENT MOLDED POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com