Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD0120.152NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PD0120.152NL
Description  Wirewound
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PD0120.152NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PD0120.152NL Datasheet HTML 1Page - Pulse A Technitrol Company PD0120.152NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
69
SPM2007 (11/07)
Inductance
DCR
Inductance
Saturation Current 2
Heating
Core Loss
Part Number
5. 7
@ Irated
Irated
1
(m
Ω)
@ 0 ADC
(A)
Current
3
Factor
4
(µH ±10%)
(ADC)
TYP
MAX
(µH ±10%)
25°C
100°C
(A)
Kc
PD0120.102NL
1.2
15.4
1.5
2.0
1.2
29
24.6
15.4
5556
PD0120.152NL
1.8
14.2
2.5
3.0
1.8
24.3
19
14.2
4444
PD0120.222NL
2.5
11.4
4.0
4.2
2.6
20.6
17.6
11.4
3704
PD0120.332NL
4.5
11.2
6.3
6.8
4.6
15
13
11.2
2778
PD0120.532NL
5.6
10.4
8.0
8.5
5.7
13.6
11.6
10.4
2469
PD0120.702NL
7.1
8.6
9.5
10.0
7.2
12.6
10.6
8.6
2222
PD0120.113NL
12.0
7.6
15.0
16.0
12.2
9
8
7.6
1709
PD0120.183NL
18.3
6.4
21.5
25.5
18.7
7.6
6.6
6.4
1389
PD0120.223NL
22.6
5.3
30.5
35.5
23.1
6.8
6
5.3
1235
PD0120.373NL
39.9
4
51.5
58.5
40.7
5
4.6
4
926
PD0120.503NL
55.4
3.4
75.5
82.5
56.5
4.3
3.8
3.4
794
Electrical Specifications @ 25°C — Operating Temperature -40°C to +125°C 7
.059
1,50
.236
6,00
SUGGESTED PAD LAYOUT
.630
16,00
.453
11,50
1
PD0120.XXX
Date Code
Country of
Origin
.628
15,95MAX
Not actual number of turns;
for reference only
2
4
3
.323
8,20MAX
.004/0,10
.638
16,20MAX
1
2
Mechanical
Schematic
Weight . . . . . . . . . . .4.25 grams
Tape & Reel . . . . . . . . .250/reel
SMT POWER INDUCTORS
Wirewound - PD0120NL Series
Height: 8.2mm Max
Footprint: 16.2mm x 16.0mm Max
Current Rating: up to 15.4A
Inductance Range: 1.2µH to 55.4µH
TAPE & REEL LAYOUT
USER DIRECTION OF FEED
1.260 ± .012
32,00 ± 0,30
.720
18,30
.335
8,50
.650
16,50
.638
16,20
.945
24,00
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
NOTE: To order RoHS compliant part, add the suffix “NL” to the part number (i.e. PD0120.102 becomes PD0120.102 NL).


Similar Part No. - PD0120.152NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PD0120.152NL PULSE-PD0120.152NL Datasheet
192Kb / 2P
   SMT POWER INDUCTORS Wirewound - PD0120NL Series
More results

Similar Description - PD0120.152NL

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RHS2K5 OHMITE-RHS2K5 Datasheet
525Kb / 3P
   Wirewound
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
List of Unclassifed Man...
RHS15R ETC2-RHS15R Datasheet
503Kb / 3P
   (Potentiometers) Wirewound
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
   WIREWOUND RESISTORS
logo
Ohmite Mfg. Co.
RJS12R OHMITE-RJS12R Datasheet
503Kb / 3P
   (Potentiometers) Wirewound
RES1K5 OHMITE-RES1K5 Datasheet
503Kb / 3P
   (Potentiometers) Wirewound
logo
List of Unclassifed Man...
RHS2R0 ETC2-RHS2R0 Datasheet
503Kb / 3P
   (Potentiometers) Wirewound
logo
Ohmite Mfg. Co.
RHS10K OHMITE-RHS10K Datasheet
503Kb / 3P
   (Potentiometers) Wirewound
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
   Wirewound Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
   Wirewound Resistors
Revision: 30-Mar-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com