Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1292.650NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA1292.650NL
Description  Planar
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA1292.650NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA1292.650NL Datasheet HTML 1Page - Pulse A Technitrol Company PA1292.650NL Datasheet HTML 2Page - Pulse A Technitrol Company PA1292.650NL Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
66
SPM2007 (11/07)
Electrical Specifications @ 25°C — Operating Temperature -40°C to +130°C 8
NOTES:
1. The rated current as listed is either 85% of the saturation current or
the heating current, depending on which value is lower.
2. The saturation current is the current which causes the inductance to
drop by 15% at the stated ambient temperatures (25°C and 100°C).
This current is determined by placing the component in the specified
ambient environment and applying a short duration pulse current (to
eliminate self-heating effects) to the component.
3. The heating current is the DC current which causes the temperature
of the part to increase by approximately 45°C. This current is deter-
mined by mounting the component on a PCB with .25” wide, 2 oz.
equivalent copper traces, and applying the current to the device for
30 minutes with no forced air cooling.
4. In high volt*time applications, additional heating in the component
can occur due to core losses in the inductor which may neccessitate
derating the current in order to limit the temperature rise of the
component. In order to determine the approximate total losses
(or temperature rise) for a given application, the total copper and core
losses should be taken into account. For approximate value of core
losses, in a given application, use the core loss graph on page 24.
5. Optional Tape & Reel packaging can be ordered by adding a "T"
suffix to the part number (i.e. PA1294.450NL becomes PA1294.450NLT).
Pulse complies to industry standard tape and reel specification EIA481.
6. Meets solderability test per IPC/EIA J-STD-002B using flux type ORL0.
7. The "NL" suffix indicates an RoHS-compliant part number. Non-NL
suffixed parts are not necessarily RoHS compliant, but are electrically
and mechanically equivalent to NL versions. If a part number does not
have the "NL" suffix, but an RoHS compliant version is required,
please contact Pulse for availability.
8. The temperature of the component (ambient plus temperature rise)
must be within the stated operating temperature range.
Height: 7.4mm Max
Footprint: 19.8mm x 19.6mm Max
Current Rating: up to 73A
Inductance Range: .405µH to 6.2µH
SMT POWER INDUCTORS
Planar - PA1X9XNL Series
Inductance
DCR (m
Ω)
Inductance
Saturation Current
2
Heating
Part Number
5,7
@ Irated
Irated
1
@ 0 ADC
Current
3
(µH ±15%)
(ADC)
TYP
MAX
(µH ±15%)
25°C
100°C
(A)
2-TURN (LOW - LOSS) SERIES
PA1294.450NL
0.45
73
.38
.48
0.45
95
80
73
PA1294.650NL
0.63
54
.38
.48
0.65
63
53
73
PA1294.910NL
0.85
39
.38
.48
0.91
46
37
73
PA1294.112NL
1.05
30
.38
.48
1.10
35
30
73
PA1294.132NL
1.25
25
.38
.48
1.30
29
26
73
PA1294.152NL
1.45
21
.38
.48
1.50
24
22
73
2-TURN SERIES
PA1292.450NL
0.45
52
.78
.98
0.45
95
80
52
PA1292.650NL
0.63
52
.78
.98
0.65
63
53
52
PA1292.910NL
0.85
39
.78
.98
0.91
46
37
52
PA1292.112NL
1.05
30
.78
.98
1.10
35
30
52
PA1292.132NL
1.25
25
.78
.98
1.30
29
26
52
PA1292.152NL
1.45
21
.78
.98
1.50
24
22
52
3-TURN SERIES
PA1393.102NL
0.95
42
1.15
1.43
1.0
68
54
42
PA1393.152NL
1.40
36
1.15
1.43
1.5
43
35
42
PA1393.202NL
1.90
25
1.15
1.43
2.0
29
25
42
PA1393.252NL
2.40
20
1.15
1.43
2.5
23
21
42
PA1393.302NL
2.80
15
1.15
1.43
3.0
18
16
42
PA1393.352NL
3.40
12
1.15
1.43
3.5
15
13
42
4-TURN SERIES
PA1494.162NL
1.60
37
1.44
1.80
1.60
55
43
37
PA1494.242NL
2.40
30
1.44
1.80
2.42
35
27
37
PA1494.362NL
3.30
17
1.44
1.80
3.60
20
18
37
PA1494.442NL
4.00
14
1.44
1.80
4.40
16
15
37
PA1494.532NL
4.90
11
1.44
1.80
5.34
13
12
37
PA1494.622NL
5.80
9
1.44
1.80
6.20
11
10
37


Similar Part No. - PA1292.650NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1292.650NL PULSE-PA1292.650NL Datasheet
202Kb / 3P
   SMT POWER INDUCTORS Planar - PA1X9XNL Series
PA1292.650NL PULSE-PA1292.650NL Datasheet
770Kb / 4P
   SMT Power Inductors
More results

Similar Description - PA1292.650NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P1977NLT PULSE-P1977NLT Datasheet
100Kb / 2P
   SMT PLANAR TRANSFORMER AND PLANAR INDUCTOR
P1977T PULSE-P1977T Datasheet
100Kb / 2P
   SMT PLANAR TRANSFORMER AND PLANAR INDUCTOR
logo
Coilcraft lnc.
B0853-AL COILCRAFT-B0853-AL Datasheet
136Kb / 1P
   Planar Transformer
logo
Microsemi Corporation
MDU1020 MICROSEMI-MDU1020 Datasheet
877Kb / 2P
   PLANAR TRANSCEIVERS
logo
Coilcraft lnc.
B0357-BL COILCRAFT-B0357-BL Datasheet
106Kb / 2P
   Planar Magnetics
logo
Silonex Inc.
SLD-70C2 SILONEX-SLD-70C2_15 Datasheet
50Kb / 1P
   Planar photodiode
logo
SeCoS Halbleitertechnol...
BCP5551 SECOS-BCP5551_15 Datasheet
348Kb / 2P
   Planar Transistor
logo
Silonex Inc.
SLD-70C1 SILONEX-SLD-70C1 Datasheet
31Kb / 1P
   Planar Photodiode
logo
Coilcraft lnc.
JA4309 COILCRAFT-JA4309_16 Datasheet
128Kb / 1P
   Planar Transformer
logo
New Jersey Semi-Conduct...
BC440 NJSEMI-BC440 Datasheet
87Kb / 1P
   SILICON PLANAR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com