Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1-053-500-NM Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # LH1-053-500-NM
Description  CABLE ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

LH1-053-500-NM Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  LH1-053-500-NM Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG LH1-053-500-NM Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
Rosenberger
Micro RF®
CABLE ASSEMBLY
LH1-053-XXX-NM
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Available Variants
Interface
According to
15C102-40MX-NM, Micro Clamp
Technical data connector
15Z202-1H1XX-NM
All dimensions are in mm; tolerances according to ISO 2768 m-H
Material and plating
Connector parts
Material
Plating
Center contact
Beryllium copper 3-6µm Ag over 0,2-1µm Cu
Outer contact
Spring bronze
AuroDur®, gold plated
Isolator
LCP
Type
Cable
Length a
[mm]
Weight
[g]
Packing
[pcs in plastic bag]
LH1-053-80-NM
H1 (RTK013)
80 ± 5
0.4
25
LH1-053-100-NM
H1 (RTK013)
100 ± 5
0.5
25
LH1-053-120-NM
H1 (RTK013)
120 ± 5
0.6
25
LH1-053-140-NM
H1 (RTK013)
140 ± 5
0.7
25
LH1-053-180-NM
H1 (RTK013)
180 ± 5
0.9
25
LH1-053-200-NM
H1 (RTK013)
200 ± 5
1.0
25
LH1-053-500-NM
H1 (RTK013)
500 ± 5
tbm
10


Similar Part No. - LH1-053-500-NM

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
LH1-057-300-NM ROSENBERGER-LH1-057-300-NM Datasheet
99Kb / 2P
   CABLE ASSEMBLY
More results

Similar Description - LH1-053-500-NM

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX-410 VCC-CNX-410 Datasheet
1Mb / 1P
   Cable Assembly
logo
Marl International Limi...
CNX-310 MARL-CNX-310 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-440 MARL-CNX-440 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
JFW Industries, Inc.
016-850-XX JFW-016-850-XX Datasheet
26Kb / 1P
   CABLE ASSEMBLY
logo
Pasternack Enterprises,...
PE34319LF PASTERNACK-PE34319LF Datasheet
300Kb / 1P
   Cable ASSEMBLY
logo
Marl International Limi...
CNX-310 MARL-CNX-310_15 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-410 MARL-CNX-410_15 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
Rosenberger Hochfrequen...
LE3-006-160-NM ROSENBERGER-LE3-006-160-NM Datasheet
212Kb / 4P
   Cable assembly
LA2-020-3000 ROSENBERGER-LA2-020-3000 Datasheet
164Kb / 2P
   Cable assembly
LD5-216-XXXX-Y-Y ROSENBERGER-LD5-216-XXXX-Y-Y Datasheet
122Kb / 2P
   CABLE ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com