Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C44AZGR6100AASJ Datasheet(PDF) 1 Page - Kemet Corporation

Part # C44AZGR6100AASJ
Description  C44P/C20A Series, 330 - 1,000 VAC, 700 - 2,300 VDC, for PFC and AC Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44AZGR6100AASJ Datasheet(HTML) 1 Page - Kemet Corporation

  C44AZGR6100AASJ Datasheet HTML 1Page - Kemet Corporation C44AZGR6100AASJ Datasheet HTML 2Page - Kemet Corporation C44AZGR6100AASJ Datasheet HTML 3Page - Kemet Corporation C44AZGR6100AASJ Datasheet HTML 4Page - Kemet Corporation C44AZGR6100AASJ Datasheet HTML 5Page - Kemet Corporation C44AZGR6100AASJ Datasheet HTML 6Page - Kemet Corporation C44AZGR6100AASJ Datasheet HTML 7Page - Kemet Corporation C44AZGR6100AASJ Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3050_C44P_RADIAL • 9/20/2016
1
One world. One KEMET
Benefits
• Overpressure safety device
• High peak current capability
• High torque screw terminals with plastic insulator
• Long lifetime
• Self-healing
Overview
The C44P/C20A Series are a polypropylene metallized film
with cylindrical aluminium can type filled with oil, screw
terminals, plastic insulator and overpressure safety device.
Applications
Typical applications include commutation, power factor
correction and AC harmonic filtering.
Aluminum Can Power Film Capacitors
C44P/C20A Series, 330 – 1,000 VAC, 700 – 2,300 VDC,
for PFC and AC Filter
Part Number System
C
44
P
L
G
R
6
1
0
0
A
A
S
J
Series
Application
Rated Voltage
(VAC)
Case
Type
Terminal
Style
Capacitance Code (pF)
Internal
Code
Internal
Codes
Tolerance
MKP
Capacitors
for Power
Applications
44 = 330 –
440 VAC
20 = 550 –
1,000 VAC
AC Filter
P = C44
A = C20
For
C44P:
L = 330
K = 440
For
C20A:
K = 550
L = 640
Q = 780
Z = 1000
G =
M12
bolt
R =
Male
M10
Digits 9 – 11 indicate the
first 3 digits of capacitance
value. Digit 8 indicates the
number of zeros that must
be added to obtain rated
capacitance in pF.
A =
Standard
Z =
Special
J = 5%
K = 10%
It is not possible to manufacture every part number which could be created from coding description. Please refer to table of standard part numbers and
ask KEMET for other possibilities.


Similar Part No. - C44AZGR6100AASJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44A KEMET-C44A Datasheet
384Kb / 5P
   ALUMINIUM CASE CAPACITORS GENERAL PURPOSE APPLICATION SCREW TERMINALS
C44AFFP5200ZE0J KEMET-C44AFFP5200ZE0J Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 20 uF, 5%, 400 V, 250 V
C44AFFP5250ZA0J KEMET-C44AFFP5250ZA0J Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 25 uF, 5%, 400 V, 250 V
C44AFFP5500ZE0J KEMET-C44AFFP5500ZE0J Datasheet
79Kb / 1P
   C44A, Film, Metallized Polypropylene, Power, 50 uF, 5%, 250 VAC, 400 VDC
C44AFGP5750ZA0J KEMET-C44AFGP5750ZA0J Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 75 uF, 5%, 400 V, 250 V
More results

Similar Description - C44AZGR6100AASJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44HLGP6100AASJ KEMET-C44HLGP6100AASJ Datasheet
457Kb / 8P
   C44H Series, 330 - 440 VAC, 700 - 1,000 VDC, for PFC and AC Filter
C44PLGR6400RASJ KEMET-C44PLGR6400RASJ Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 400 uF, 5%, 330 VAC, 700 VDC
C44PLGR6600RBSK KEMET-C44PLGR6600RBSK Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 600 uF, 10%, 330 VAC, 700 VDC
C44PLGR6100RASJ KEMET-C44PLGR6100RASJ Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 100 uF, 5%, 330 VAC, 700 VDC
C44PLGR6600RASJ KEMET-C44PLGR6600RASJ Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 600 uF, 5%, 330 VAC, 700 VDC
C44PLGR6200RASJ KEMET-C44PLGR6200RASJ Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 200 uF, 5%, 330 VAC, 700 VDC
C44PLGR6320RASJ KEMET-C44PLGR6320RASJ Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 320 uF, 5%, 330 VAC, 700 VDC
C44PLGR6500RASK KEMET-C44PLGR6500RASK Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 500 uF, 10%, 330 VAC, 700 VDC
C44PLGR6300RASJ KEMET-C44PLGR6300RASJ Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 300 uF, 5%, 330 VAC, 700 VDC
C44PLGR6500RBSK KEMET-C44PLGR6500RBSK Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 500 uF, 10%, 330 VAC, 700 VDC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com