Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C20PKGR6100ZASJ Datasheet(PDF) 5 Page - Kemet Corporation

Part # C20PKGR6100ZASJ
Description  C44P/C20A Series, 330 - 1,000 VAC, 700 - 2,300 VDC, for PFC and AC Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C20PKGR6100ZASJ Datasheet(HTML) 5 Page - Kemet Corporation

  C20PKGR6100ZASJ Datasheet HTML 1Page - Kemet Corporation C20PKGR6100ZASJ Datasheet HTML 2Page - Kemet Corporation C20PKGR6100ZASJ Datasheet HTML 3Page - Kemet Corporation C20PKGR6100ZASJ Datasheet HTML 4Page - Kemet Corporation C20PKGR6100ZASJ Datasheet HTML 5Page - Kemet Corporation C20PKGR6100ZASJ Datasheet HTML 6Page - Kemet Corporation C20PKGR6100ZASJ Datasheet HTML 7Page - Kemet Corporation C20PKGR6100ZASJ Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3050_C44P_RADIAL • 9/20/2016
5
Power and AC Film Capacitors – Aluminum Can Power Film Capacitors
C44P/C20A Series, 250 – 1,000 VAC, 400 – 1,400 VDC, for PFC and AC Filter
Lifetime Expectancy/Failure Quota Graphs
Power Losses and Hot Spot Temperature Calculation
At each frequency, the Power Losses are the sum of:
1. Dielectric Power Losses
P
D(fi) = 2 * π * fi* C * V(fi)
2
* tgδ
0
which can be alternatively calculated as
P
D(fi) =
I(f
i)
2
* tgδ
0
2 * π * f
i* C
where: tgδ
0 = 2 * 10
-4
2. Joule Power Losses:
P
J(fi) = Rs * I(fi)
2
The Total Power Losses are the sum of the components at each frequency:
( )
( )
[
]
+
=
i
i
J
i
D
T
f
P
f
P
P
The Thermal Jump in the Hot Spot is:
ΔT
HS = PT * Rth-hs
The Hot Spot Temperature is:
T
HS = Ta + ΔTHS
Limits for the formulas
The limits listed below should not be exceeded:
1.
2.
T
HS = Ta + ΔTHS ≤ (THS )MAX
Where T
a is the ambient temperature (steady state temperature of the
cooling air flowing around the capacitor, measured at 100 mm of distance
from the capacitor and at a height of 2/3 height of the capacitor).
3. Maximum case temperature (T
CASE) ≤ 70°C
Example of calculation
Part Number: C44PKGR6100AASJ
Rated V
RMS = 440 [VRMS]
Rated I
RMS = 30 [A]
R
s = 3.5 [mΩ]
R
th = 5.6 [°C/W]
Fundamental Frequency F
1 = 50 [Hz]
Ripple Frequency F
2 = 7000 [Hz]
Fundamental Voltage V
1 = 440 [V~]
Ripple Current I
2 = 27 [A]
T
a = 35°C
I
1 = I(50) = 2 * π * 50 * 100 * 10
-6
* 440 = 13.8 [A]
V
2 = V(7000) = [27/(2 * π * 7000 * 100 * 10
-6
)] = 6.14 [V]
I
RMS = √(13.8
2
+ 272) = 30 ≤ 30 → Admitted
V
RMS = √(440
2
+ 6.12) = 440 ≤ 440 → Admitted
P
D(50) = 2 * π * 50 * 100 * 10
-6
* 4402 * 2 * 10-4 = 1.22 [W]
P
D(7000) = [27
2
/(2 * π * 7000 * 100 * 10-6)] * 2 * 10-4 = 0.03 [W]
P
J(50) = 3.5 * 10
-3
* [(2 *π * 50 * 100 * 10-6 * 440)2] = 0.67 [W]
P
J(7000) = 3.5 * 10
-3
* 272 = 2.55 [W]
P
T = 1.22 + 0.03 + 0.67 + 2.55 = 4.47 [W]
ΔT
HS = 5.6 * 4.47 = 25 [°C]
T
HS = Ta + ΔTHS
T
HS = 35 + 25 = 60 [°C] →OK since hot spot temperature is less
than maximum admitted
Expected Life @ T
HS = 75°C → 100,000 hours (see lifetime curve)
Expected Life @ T
HS = 60°C → 140,000 hours (see lifetime curve)
RMS
i
i
V
f
V
2
)
(
RMS
i
i
I
f
I
2
)
(
V = Operating Voltage [VAC]
V
rms = Rated Voltage [VAC]
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
100
1,000
10,000
100,000
1,000,000
≤60°C
70°C
75°C
80°C
Lifetime curve C44P-C20 series
Hot Spot
Temperature °C
Lifetime Expectancy [h]
1
10
100
1,000
0.6
0.7
0.8
0.9
1
1.1
Voltage Ratio V/Vrms
FIT @ Hot Spot Temperatures
80
75
70
≤60
Hot Spot
Temperature °C


Similar Part No. - C20PKGR6100ZASJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
C20 STMICROELECTRONICS-C20 Datasheet
277Kb / 13P
   Memory Micromodules General Information for D1, D2 and C Packaging
logo
Powerbox
C20 POWERBOX-C20 Datasheet
2Mb / 2P
   1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
C20 XPPOWER-C20 Datasheet
981Kb / 12P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
TP-Link Technologies Co...
C20 TP-LINK-C20 Datasheet
982Kb / 5P
   AC750 Wireless Dual Band Router
C20 TP-LINK-C20 Datasheet
2Mb / 7P
   Wireless Dual Band Router
More results

Similar Description - C20PKGR6100ZASJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44HLGP6100AASJ KEMET-C44HLGP6100AASJ Datasheet
457Kb / 8P
   C44H Series, 330 - 440 VAC, 700 - 1,000 VDC, for PFC and AC Filter
C44PLGR6400RASJ KEMET-C44PLGR6400RASJ Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 400 uF, 5%, 330 VAC, 700 VDC
C44PLGR6600RBSK KEMET-C44PLGR6600RBSK Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 600 uF, 10%, 330 VAC, 700 VDC
C44PLGR6100RASJ KEMET-C44PLGR6100RASJ Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 100 uF, 5%, 330 VAC, 700 VDC
C44PLGR6600RASJ KEMET-C44PLGR6600RASJ Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 600 uF, 5%, 330 VAC, 700 VDC
C44PLGR6200RASJ KEMET-C44PLGR6200RASJ Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 200 uF, 5%, 330 VAC, 700 VDC
C44PLGR6320RASJ KEMET-C44PLGR6320RASJ Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 320 uF, 5%, 330 VAC, 700 VDC
C44PLGR6500RASK KEMET-C44PLGR6500RASK Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 500 uF, 10%, 330 VAC, 700 VDC
C44PLGR6300RASJ KEMET-C44PLGR6300RASJ Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 300 uF, 5%, 330 VAC, 700 VDC
C44PLGR6500RBSK KEMET-C44PLGR6500RBSK Datasheet
109Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 500 uF, 10%, 330 VAC, 700 VDC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com