Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SIHA25N60EFL Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. SIHA25N60EFL
Description  E Series Power MOSFET with Fast Body Diode and Low Gate Charge
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHA25N60EFL Datasheet(HTML) 5 Page - Vishay Siliconix

  SIHA25N60EFL Datasheet HTML 1Page - Vishay Siliconix SIHA25N60EFL Datasheet HTML 2Page - Vishay Siliconix SIHA25N60EFL Datasheet HTML 3Page - Vishay Siliconix SIHA25N60EFL Datasheet HTML 4Page - Vishay Siliconix SIHA25N60EFL Datasheet HTML 5Page - Vishay Siliconix SIHA25N60EFL Datasheet HTML 6Page - Vishay Siliconix SIHA25N60EFL Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SiHA25N60EFL
www.vishay.com
Vishay Siliconix
S16-1601-Rev. B, 15-Aug-16
5
Document Number: 91856
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 12 - Normalized Thermal Transient Impedance, Junction-to-Case
Fig. 13 - Switching Time Test Circuit
Fig. 14 - Switching Time Waveforms
Fig. 15 - Unclamped Inductive Test Circuit
Fig. 16 - Unclamped Inductive Waveforms
Fig. 17 - Basic Gate Charge Waveform
Fig. 18 - Gate Charge Test Circuit
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
Pulse Time (s)
Duty cycle = 0.5
0.2
0.1
0.05
0.02
Single pulse
Pulse width ≤ 1 µs
Duty factor ≤ 0.1 %
R
D
V
GS
R
G
D.U.T.
10 V
+
-
V
DS
V
DD
V
DS
90 %
10 %
V
GS
t
d(on)
t
r
t
d(off)
t
f
R
G
IAS
0.01
Ω
tp
D.U.T
L
V
DS
+
-
V
DD
10 V
Vary tp to obtain
required IAS
IAS
VDS
VDD
VDS
tp
Q
GS
Q
GD
Q
G
VG
Charge
10 V
D.U.T.
3 mA
V
GS
V
DS
I
G
I
D
0.3 µF
0.2 µF
50 k
Ω
12 V
Current regulator
Current sampling resistors
Same type as D.U.T.
+
-


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn