Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5336B Datasheet(PDF) 28 Page - Motorola, Inc

Part # 1N5336B
Description  500 mW DO-35 Glass Zener Voltage Regulator Diodes
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5336B Datasheet(HTML) 28 Page - Motorola, Inc

Back Button 1N5336B Datasheet HTML 24Page - Motorola, Inc 1N5336B Datasheet HTML 25Page - Motorola, Inc 1N5336B Datasheet HTML 26Page - Motorola, Inc 1N5336B Datasheet HTML 27Page - Motorola, Inc 1N5336B Datasheet HTML 28Page - Motorola, Inc 1N5336B Datasheet HTML 29Page - Motorola, Inc 1N5336B Datasheet HTML 30Page - Motorola, Inc 1N5336B Datasheet HTML 31Page - Motorola, Inc 1N5336B Datasheet HTML 32Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
GENERAL DATA — 500 mW DO-35 GLASS
Motorola TVS/Zener Device Data
6-124
500 mW DO-35 Glass Data Sheet
t, TIME (SECONDS)
0.0001 0.0002
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.3
0.5
0.7
1
2
3
5
7
10
20
30
D =0.5
0.2
0.1
0.05
0.01
D = 0
DUTY CYCLE, D =t1/t2
PPK
t1
NOTE: BELOW 0.1 SECOND, THERMAL
RESPONSE CURVE IS APPLICABLE
TO ANY LEAD LENGTH (L).
SINGLE PULSE
∆TJL = θJL (t)PPK
REPETITIVE PULSES
∆TJL = θJL (t,D)PPK
t2
0.02
10
20
30
50
100
200
300
500
1K
0.1
0.2 0.3 0.5
1
2
3
5
10
20 30 50
100
PW, PULSE WIDTH (ms)
1
2
5
10
20
50
100
200
400
1000
0.0003
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
3
TA = 125°C
TA = 125°C
NOMINAL VZ (VOLTS)
Figure 2. Typical Thermal Response L, Lead Length = 3/8 Inch
Figure 3. Maximum Surge Power
Figure 4. Typical Reverse Leakage
RECTANGULAR
NONREPETITIVE
WAVEFORM
TJ =25°C PRIOR
TO INITIAL PULSE
APPLICATION NOTE
Since the actual voltage available from a given zener diode
is temperature dependent, it is necessary to determine junc-
tion temperature under any set of operating conditions in order
to calculate its value. The following procedure is recom-
mended:
Lead Temperature, TL, should be determined from:
TL = θLA PD + TA
θLA is the lead-to-ambient thermal resistance (°C/W) and
PD is the power dissipation. The value for θLA will vary and
depends on the device mounting method.
θLA is generally
30–40
°C/W for the various clips and tie points in common
use and for printed circuit board wiring.
The temperature of the lead can also be measured using a
thermocouple placed on the lead as close as possible to the tie
point. The thermal mass connected to the tie point is normally
large enough so that it will not significantly respond to heat
surges generated in the diode as a result of pulsed operation
once steady-state conditions are achieved. Using the mea-
sured value of TL, the junction temperature may be deter-
mined by:
TJ = TL + ∆TJL
∆TJL is the increase in junction temperature above the lead
temperature and may be found from Figure 2 for a train of
power pulses (L = 3/8 inch) or from Figure 10 for dc power.
∆TJL = θJL PD
For worst-case design, using expected limits of IZ, limits of
PD and the extremes of TJ (∆TJ) may be estimated. Changes
in voltage, VZ, can then be found from:
∆V = θVZ ∆TJ
θVZ,thezenervoltagetemperaturecoefficient,isfoundfrom
Figures 5 and 6.
Under high power-pulse operation, the zener voltage will
vary with time and may also be affected significantly by the
zener resistance. For best regulation, keep current excursions
as low as possible.
Data of Figure 2 should not be used to compute surge capa-
bility. Surge limitations are given in Figure 3. They are lower
than would be expected by considering only junction tempera-
ture, as current crowding effects cause temperatures to be ex-
tremely high in small spots resulting in device degradation
should the limits of Figure 3 be exceeded.


Similar Part No. - 1N5336B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5336B MOTOROLA-1N5336B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Diotech Company.
1N5336B DIOTECH-1N5336B Datasheet
869Kb / 3P
   5W SILICON ZENER DIODE
logo
List of Unclassifed Man...
1N5336B ETC2-1N5336B Datasheet
382Kb / 3P
   Transient Voltage Suppressor
logo
Boca Semiconductor Corp...
1N5336B BOCA-1N5336B Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
EIC discrete Semiconduc...
1N5336B EIC-1N5336B Datasheet
59Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5336B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
BZX55C2V4RL MOTOROLA-BZX55C2V4RL Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N957B TAK_CHEONG-1N957B_10 Datasheet
295Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com