Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2512FKF7W0R001 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # PA2512FKF7W0R001
Description  CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PA2512FKF7W0R001 Datasheet(HTML) 3 Page - YAGEO Corporation

  PA2512FKF7W0R001 Datasheet HTML 1Page - YAGEO Corporation PA2512FKF7W0R001 Datasheet HTML 2Page - YAGEO Corporation PA2512FKF7W0R001 Datasheet HTML 3Page - YAGEO Corporation PA2512FKF7W0R001 Datasheet HTML 4Page - YAGEO Corporation PA2512FKF7W0R001 Datasheet HTML 5Page - YAGEO Corporation PA2512FKF7W0R001 Datasheet HTML 6Page - YAGEO Corporation PA2512FKF7W0R001 Datasheet HTML 7Page - YAGEO Corporation PA2512FKF7W0R001 Datasheet HTML 8Page - YAGEO Corporation PA2512FKF7W0R001 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
-
Chip Resistor Surface Mount
www.yageo.com
Dec. 01, 2016 V.5
Product specification
3
10
SERIES
PA_E
2512
PF series
Note: construction will be
adjusted to resistance value
(only for PF series).
MARKING
PA2512
4 digits
The "m" is used as decimal point; the other 3 digits are significant and the unit is
milliohm
PA2512: 0.5mΩ and 0.75mΩ
4 digits
The “R” is used as a decimal point; the other 3 digits are significant
PA2512: 1mΩ to 4 mΩ
4 digits
The “R” is used as a decimal point; the other 3 digits are significant
PA2512: 5 mΩ to 50 mΩ
CONSTRUCTION
The resistors are constructed using outstanding TCR level material, which makes Yageo P A resistors excellent
for current sensing application in battery charger circuit & DC -DC converter.
The composition of the resistive material is adjusted to give the approximate required resistance and is
covered with a protective coating. Marking is printed on the top side of the resistor.
Finally, the three external terminations (Cu / Ni / matte Tin) are added, as shown in Fig. 4.
Fig. 3
Value = 5 mΩ
001
Fig. 4 Chip resistor outlines
O
Ou
uttlliin
neess
Fig. 1
Value = 0.5 mΩ
Fig. 2
Value = 1 mΩ


Similar Part No. - PA2512FKF7W0R001

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PA2512FKF7W0R001E YAGEO-PA2512FKF7W0R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
More results

Similar Description - PA2512FKF7W0R001

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Allegro MicroSystems
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com