Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1.5KE6.8 Datasheet(PDF) 4 Page - Diotec Semiconductor

Part No. 1.5KE6.8
Description  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIOTEC [Diotec Semiconductor]
Homepage  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

1.5KE6.8 Datasheet(HTML) 4 Page - Diotec Semiconductor

  1.5KE6.8 Datasheet HTML 1Page - Diotec Semiconductor 1.5KE6.8 Datasheet HTML 2Page - Diotec Semiconductor 1.5KE6.8 Datasheet HTML 3Page - Diotec Semiconductor 1.5KE6.8 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
169
01.01.99
Diotec
Non repetitive current pulse (10/1000µs waveform)
Höchstzulässiger Spitzenwert eines einmaligen
10/1000µs - Stromimpulses
Peak pulse power (P
) or current (I
) derating
PPM
PPM
Impulsverlustleistung oder max. Stromimpuls in
Abhängigkeit von der Umgebungstemperatur
1.5KE6.8 ... 1.5KE440A
1.5KE6.8C ... 1.5KE440CA
The order of type numbers is graded to the international E 24 standard. The standard tolerance of
the breakdown voltage for each type is ± 10%. Suffix “A” denotes a tolerance of ± 5% for the
breakdown voltage.
e.g.: 1.5KE160CA = bidirectional diode, V
= 160V (± 5%)
BR
1.5KE27A = unidirectional diode, V
= 27V (± 5%)
BR
Die Abstufung der Typen innerhalb der Reihe entspricht dem internationalen E 24-Standard. Die
Toleranz der Arbeitsspannung jedes einzelnen Typs beträgt in der Standardausführung ± 10%.
Suffix “A” kennzeichnet eine Toleranz der Arbeitsspannung von ± 5%.
z.B.: 1.5KE160CA = bidirektionale Diode, V
= 160V (± 5%)
BR
1.5KE27A = unidirektionale Diode, V
= 27V (± 5%)
BR


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn