Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XRD6414 Datasheet(PDF) 6 Page - Exar Corporation

Part No. XRD6414
Description  CMOS 10-Bit, 20 MSPS, High Speed Analog-to-Digital Converter with 4:1 Input Analog Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXAR [Exar Corporation]
Homepage  http://www.exar.com
Logo 

XRD6414 Datasheet(HTML) 6 Page - Exar Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
XRD6414
6
Rev. 1.00
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C unless otherwise noted)1, 2, 3
VDD to GND
+7.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VRT & VRB
VDD +0.5 to GND –0.5V
. . . . . . . . . . . . . . . .
VIN
VDD +0.5 to GND –0.5V
. . . . . . . . . . . . . . . . . . . . . .
All Inputs
VDD +0.5 to GND –0.5V
. . . . . . . . . . . . . . . . .
All Outputs
VDD +0.5 to GND –0.5V
. . . . . . . . . . . . . . .
Storage Temperature
–65 to +150
°C
. . . . . . . . . . . . . .
Package Power Dissipation Rating to 75
°C
TQFP
1000mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derates above 75
°C
14mW/
°C
. . . . . . . . . . . . . . . . . . .
Lead Temperature (Soldering 10 seconds)
+300
°C
. .
NOTES:
1
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation at or above this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
2
Any input pin which can see a value outside the absolute maximum ratings should be protected by Schottky diode clamps
(HP5082-2835) from input pin to the supplies.
All inputs have protection diodes which will protect the device from short
transients outside the supplies of less than 100mA for less than 100
µs.
3
VDD refers to AVDD and DVDD. GND refers to AGND and DGND.
CLK
Pipeline Delay
N + 1
N + 2
N – 3
N – 2
N – 1
DATA
(DB0-DB9 and OFW)
High
Impedance
OE
1/FS
tPWH
Figure 2. XRD6414 Timing Diagram
Figure 3. 3-State Timing Diagram
tDHZ
tDEN
tPWL
N
N+1
N
N+1
tDL
Sampling
Points
tAP
Analog
Input
VIN
N
DATA
(DB0-DB9 and OFW)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn