Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0250.104NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P0250.104NL
Description  Unshielded Drum Core
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0250.104NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P0250.104NL Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
22
SPM2007 (11/07)
Height: 7.37mm Max
Footprint: 18.62mm x 15.14mm Max
Current Rating: up to 8.6A
Inductance Range: 1µH to 1030µH
.762
19,35
TAPE & REEL LAYOUT
.291
7,39
USER DIRECTION OF FEED
.945
24,00
1.260 ± .012
32,00 ± 0,30
.620
15,75
.299
5,36
SMT POWER INDUCTORS
Unshielded Drum Core - P0250NL Series
XXX
.733 MAX
18,62
.596 MAX
15,14
NOTE: Dot indicates start of winding
.290
7,37
MAX
.110
2,79
.115
2,92
.490
12,45
SUGGESTED PAD LAYOUT
1
2
Mechanical
Schematic
Inductance
Part 6,7
@ IPK ADC
Irated 5
DCR (MAX)
Saturation Current
Heating Current
Number
(µH ± 15%)
(A)
(m
Ω)
(A) @ 25°C
(A)
P0250.102NL
1.0
8.6
9
20.0
8.60
P0250.222NL
2.2
7.1
14
16.0
7.10
P0250.332NL
3.3
6.2
15
14.0
6.20
P0250.562NL
5.6
5.3
20
12.0
5.30
P0250.103NL
10
4.3
31
10.0
4.30
P0250.153NL
15
4.0
36
8.0
4.00
P0250.223NL
22
3.5
47
7.0
3.50
P0250.333NL
33
3.0
66
5.5
3.00
P0250.473NL
47
2.6
86
4.5
2.60
P0250.683NL
68
2.3
130
3.5
2.30
P0250.104NL
100
1.8
190
3.0
1.80
P0250.154NL
150
1.5
250
2.6
1.50
P0250.224NL
220
1.2
380
2.4
1.20
P0250.334NL
330
1.0
560
1.9
1.00
P0250.474NL
470
.82
850
1.4
0.82
P0250.684NL
680
.72
1100
1.2
0.72
P0250.105NL
1000
.56
1800
1.0
0.56
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Weight . . . . . . . . 3.6 grams
Tape & Reel . . . . . . 250/reel
1. The temperature of the component (ambient plus temperature
rise) must be within the specified operating temperature range.
2. Inductance tested at 100kHz, 0.1 mVRMS
3. Inductance drop = 10% typical at the saturation current.
4.
ΔT = 40°C rise typical at the heating current.
5. The rated current is the lower of the saturation or heating current.
6. Optional Tape & Reel packaging can be ordered by adding a "T" suffix to the part number
(i.e. P0250.102NL becomes P0250.102NLT). Pulse complies to industry standard tape and
reel specification EIA481.
7. The "NL" suffix indicates an RoHS-compliant part number. Non-NL suffixed parts are not
necessarily RoHS compliant, but are electrically and mechanically equivalent to NL versions.
If a part number does not have the "NL" suffix, but an RoHS compliant version is required,
please contact Pulse for availability.
NOTES:


Similar Part No. - P0250.104NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0250.104NL PULSE-P0250.104NL Datasheet
451Kb / 2P
   SMT Power Inductors
More results

Similar Description - P0250.104NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P1252.781NL PULSE-P1252.781NL Datasheet
187Kb / 1P
   Unshielded Drum Core
PF0638NL PULSE-PF0638NL Datasheet
80Kb / 2P
   Unshielded Drum Core
PF0504.681NL PULSE-PF0504.681NL Datasheet
187Kb / 2P
   Unshielded Drum Core
PB2020.681NL PULSE-PB2020.681NL Datasheet
96Kb / 1P
   Unshielded Drum Core
PA4305.102NLT PULSE-PA4305.102NLT Datasheet
565Kb / 2P
   Unshielded Drum Core Inductor
PA4306.102NLT PULSE-PA4306.102NLT Datasheet
860Kb / 4P
   Unshielded Drum Core Inductor
PA4309.102NLT PULSE-PA4309.102NLT Datasheet
635Kb / 3P
   Unshielded Drum Core Inductor
PF0580 PULSE-PF0580_16 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
PG0016NL PULSE-PG0016NL Datasheet
458Kb / 2P
   Unshielded Drum Core ??PG0016NL Series
PF0580NL PULSE-PF0580NL Datasheet
156Kb / 2P
   Unshielded Drum Core - PF0580NL Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com