Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L99-345-3000 Datasheet(PDF) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # L99-345-3000
Description  Cable Assembly
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

L99-345-3000 Datasheet(HTML) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  L99-345-3000 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG L99-345-3000 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG L99-345-3000 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data Sheet – DRAFT
MultiMag 15
Cable Assembly
L99-345-XXX
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
3 / 3
Interface
Mating with
M9K102-199 (Long receptacle with magnets, cable version)
M9K103-400 (Short receptacle with magnets, PCB version)
M9K115-400 (Long receptacle with magnets, PCB version)
Material and plating
Connector parts
Material
Plating / Color
Housing insert
PBT
similar RAL 9003
Housing parts 1 and 2
PC
similar RAL 9003
Iron Core
S235
Bend protection
TPE
similar RAL 9003
Spring loaded contacts
Material
Plating / Color
Piston
Brass
AuroDur®, gold plated
Ferrule
Brass
AuroDur®, gold plated
Spring
Stainless steel
min 0,1 µm Au over 2,5 µm Ni
Flammability rating
Connector parts
Category
Housing insert
uncolored raw material acc. to UL94 V-0*
Housing parts 1 and 2
uncolored raw material acc. to UL94 HB*
Bend protection
uncolored raw material acc. to UL94 HB*
*Please note that a non UL rated color batch is added
Electrical data
Operating voltage
12 V
Operating current
1.5 A per contact
Contact resistance
typically
≤ 60 mΩ
Mechanical data
Mating cycles
min. 1.000
Minimum bending radius
static: 28 mm, multiple: 56 mm
Environmental data
Temperature range
-25 °C to +75 °C
RoHS
compliant
Packing
Standard
1 pce in plastic bag, 10 bags in box
Weight
L99-345-3500
tbd g/pce
L99-345-3000
tbd g/pce
L99-345-500
tbd g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
H. Wurm
22.01.13
T. Scheuerlein
07.06.16
600
16-0888
A. Streibl
07.06.16
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - L99-345-3000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
L99-345-XXX-DB ROSENBERGER-L99-345-XXX-DB Datasheet
994Kb / 4P
   All dimensions are in mm; tolerances according to ISO 2768 m-H
More results

Similar Description - L99-345-3000

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX-410 VCC-CNX-410 Datasheet
1Mb / 1P
   Cable Assembly
logo
Marl International Limi...
CNX-310 MARL-CNX-310 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-440 MARL-CNX-440 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
JFW Industries, Inc.
016-850-XX JFW-016-850-XX Datasheet
26Kb / 1P
   CABLE ASSEMBLY
logo
Pasternack Enterprises,...
PE34319LF PASTERNACK-PE34319LF Datasheet
300Kb / 1P
   Cable ASSEMBLY
logo
Marl International Limi...
CNX-310 MARL-CNX-310_15 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-410 MARL-CNX-410_15 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
Rosenberger Hochfrequen...
LE3-006-160-NM ROSENBERGER-LE3-006-160-NM Datasheet
212Kb / 4P
   Cable assembly
LH1-053-80-NM ROSENBERGER-LH1-053-80-NM Datasheet
72Kb / 2P
   CABLE ASSEMBLY
LA2-020-3000 ROSENBERGER-LA2-020-3000 Datasheet
164Kb / 2P
   Cable assembly
LD5-216-XXXX-Y-Y ROSENBERGER-LD5-216-XXXX-Y-Y Datasheet
122Kb / 2P
   CABLE ASSEMBLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com