Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L143 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # L143
Description  GSM/3G Penta Band Hybrid PCB Antenna
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

L143 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  L143 Datasheet HTML 1Page - Pulse A Technitrol Company L143 Datasheet HTML 2Page - Pulse A Technitrol Company L143 Datasheet HTML 3Page - Pulse A Technitrol Company L143 Datasheet HTML 4Page - Pulse A Technitrol Company L143 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
L143.A (02/13)
1
pulseelectronics.com/products/antennas
GSM/3G Penta Band Hybrid PCB Antenna
Pulse Part Number W3544A / 3544B
San Diego, CA 858 674 8100
Vancouver, WA 360 944 7551
Europe 49 7032 7806 0
Asia 86 755 33966678
North Asia 886 3 4356768
China 86 512 6807 9998
Pulse introduces the small hybrid surface mount pick-
and-place W3544X family of GSM/3G antennas. Board
connection is via 6 SMD connection points underneath
the antenna. Antennas are delivered in tape and reel
packaging for use in automatic SMD pick-and-place.
Each antenna measures 7.65 x 26 x 3 mm and requires
ground clearance on the PCB. The W3544A is optimized
for a corner board location while the W3544B is for use
at the end of a narrow PCB. Frequency bands are 824-
960 and 1710-2170 MHz with a target of minimum 50% ef-
ficiency in all bands offering a compact high performance
solution for GSM/3G applications
Features
- Frequency bands 824-960 and 1710-2170 MHz
- SMD solution
- Compact antenna size of 7.65 x 26 x 3 mm
- RoHS Compliant Product
Applications
- GSM/3G routers
- Femto Cell modems
- Industrial wireless machine to machine
- Smart Grid devices
- Mobile Hotspots
Part Number
Positioning
W3544A
Vertically mounted at board edge
W3544B
Horizontally mounted at board edge


Similar Part No. - L143

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
L143-155.52 CONNOR-WINFIELD-L143-155.52 Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
List of Unclassifed Man...
L1430 ETC2-L1430 Datasheet
523Kb / 4P
   Tough enough for industrial environments.
L1430C ETC2-L1430C Datasheet
523Kb / 4P
   Tough enough for industrial environments.
L1430P ETC2-L1430P Datasheet
523Kb / 4P
   Tough enough for industrial environments.
More results

Similar Description - L143

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP07.09.0100A TAOGLAS-FXP07.09.0100A_16 Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna
FXP07.07.0100A TAOGLAS-FXP07.07.0100A Datasheet
1,022Kb / 10P
   Flexible PCB Penta Band GSM Antenna
FXP07.07.0100A TAOGLAS-FXP07.07.0100A_16 Datasheet
1Mb / 10P
   Flexible PCB Penta Band GSM Antenna
FXP07.09.0100A TAOGLAS-FXP07.09.0100A Datasheet
979Kb / 11P
   Flexible PCB Penta Band GSM Antenna
logo
World Produts Inc.
WPANT30001-SB WPI-WPANT30001-SB_15 Datasheet
139Kb / 4P
   3G Penta-band Monopole Antenna
WPANT30001-SB WPI-WPANT30001-SB Datasheet
142Kb / 4P
   3G Penta-band Monopole Antenna
logo
Taoglas antenna solutio...
PC30070100A TAOGLAS-PC30070100A Datasheet
336Kb / 7P
   FR4 Penta-band GSM Antenna
PC30.07.0100A TAOGLAS-PC30.07.0100A Datasheet
472Kb / 7P
   FR4 Penta-band GSM Antenna
PC30090100A TAOGLAS-PC30090100A Datasheet
322Kb / 7P
   FR4 Penta-band GSM Antenna
logo
List of Unclassifed Man...
PC30070100A ETC2-PC30070100A Datasheet
336Kb / 7P
   FR4 Penta-band GSM Antenna
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com