Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSSP58038SS1XB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSSP58038SS1XB
Description  IR Receiver Module for Light Barrier Systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSSP58038SS1XB Datasheet(HTML) 4 Page - Vishay Siliconix

  TSSP58038SS1XB Datasheet HTML 1Page - Vishay Siliconix TSSP58038SS1XB Datasheet HTML 2Page - Vishay Siliconix TSSP58038SS1XB Datasheet HTML 3Page - Vishay Siliconix TSSP58038SS1XB Datasheet HTML 4Page - Vishay Siliconix TSSP58038SS1XB Datasheet HTML 5Page - Vishay Siliconix TSSP58038SS1XB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TSSP58038SS1XB
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 19-Jan-16
4
Document Number: 82740
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 9 - Vertical Directivity
Fig. 10 - Sensitivity vs. Supply Voltage
The typical application of this device is a reflective or beam break sensor with active low “detect” or “no detect” information
contained in its output. Applications requiring up to 1 m beam break or 0.5 m reflective range benefit from the lower gain of
these sensors because they are less sensitive to stray signal from the emitter, simplifying the mechanical design.
Example for a sensor hardware:
There should be no common window in front of the emitter and detector in order to avoid crosstalk via guided light through the
window.
19259
0.4
0.2
0
0.6
0.9
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7
drel - Relative Transmission Distance
5
7
9
11
13
15
17
19
21
23
25
1.52.5
3.54.5
5.5
V
S - Supply Voltage (V)
IR emitter
IR detector
Separation to avoid
crosstalk by stray light inside
the housing


Similar Part No. - TSSP58038SS1XB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSP58038 VISHAY-TSSP58038 Datasheet
120Kb / 6P
   IR Receiver Module for Light Barrier Systems
Rev. 1.4, 31-Aug-15
More results

Similar Description - TSSP58038SS1XB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP4038 VISHAY-TSOP4038 Datasheet
105Kb / 5P
   IR Receiver Module for Light Barrier Systems
Rev. 1.2, 28-Mar-12
TSSP980 VISHAY-TSSP980 Datasheet
171Kb / 6P
   IR Receiver Module for Light Barrier Systems
01-Jan-2023
TSOP58038 VISHAY-TSOP58038 Datasheet
355Kb / 11P
   IR Receiver Module for Light Barrier Systems
Rev. 1.2, 13-Aug-09
TSSP580 VISHAY-TSSP580 Datasheet
168Kb / 6P
   IR Receiver Module for Light Barrier Systems
01-Jan-2023
TSSP40SS1XB VISHAY-TSSP40SS1XB_V01 Datasheet
181Kb / 6P
   IR Receiver Module for Light Barrier Systems
01-Jan-2023
TSSP4038 VISHAY-TSSP4038 Datasheet
105Kb / 5P
   IR Receiver Module for Light Barrier Systems
Rev. 1.1, 13-Mar-12
TSSP58038 VISHAY-TSSP58038 Datasheet
120Kb / 6P
   IR Receiver Module for Light Barrier Systems
Rev. 1.4, 31-Aug-15
TSSP40SS1XB VISHAY-TSSP40SS1XB Datasheet
115Kb / 5P
   IR Receiver Module for Light Barrier Systems
Rev. 1.2, 19-Oct-16
TSOP5038TR VISHAY-TSOP5038TR Datasheet
355Kb / 11P
   IR Receiver Module for Light Barrier Systems
Rev. 1.2, 13-Aug-09
logo
List of Unclassifed Man...
SHF5110 ETC-SHF5110 Datasheet
64Kb / 7P
   IR-Receiver for Remote Control Systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com