Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPSMB301 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # GPSMB301
Description  MiMoLTE, GNSS Vehicle Mount Antenna
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSMB301 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  GPSMB301 Datasheet HTML 1Page - Pulse A Technitrol Company GPSMB301 Datasheet HTML 2Page - Pulse A Technitrol Company GPSMB301 Datasheet HTML 3Page - Pulse A Technitrol Company GPSMB301 Datasheet HTML 4Page - Pulse A Technitrol Company GPSMB301 Datasheet HTML 5Page - Pulse A Technitrol Company GPSMB301 Datasheet HTML 6Page - Pulse A Technitrol Company GPSMB301 Datasheet HTML 7Page - Pulse A Technitrol Company GPSMB301 Datasheet HTML 8Page - Pulse A Technitrol Company GPSMB301 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Issue: 1637
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Series: Panther
Description: MiMo LTE, GNSS Vehicle Mount
Antenna
PART NUMBER: GPSMB301
ELECTRICAL SPECIFICATIONS
2
Frequency (LTE)
698 – 960 /1695 -2170 /
2300 – 2700 / 2900 - 3600 MHz
Frequency (Beidou, GPS, Galileo, Glonass)
1561.098±2.046/
1575.42±1.023/
1602.5625±4
MHz
Nominal Impedance
50
VSWR (LTE)
< 1.5
Gain* (LTE antenna, < 2170 MHz)
6
dBi  1 dB
Gain* (LTE antenna, > 2170 MHz)
5.5 dBi  1 dB
Isolation LTE to LTE**
15 or better dB
GNSS antenna RHCP gain
1 dBic ±2dB
LNA gain
30 dB ± 2 dB
Noise Fiqure
2.5 (cascade) dB
Current
8 mA ± 2 mA
Vdc
3-5 Vdc
LNA and filter attenuation
@ 824 MHz
70 dB
@ 960 MHz
65 dB
@ 1710 MHz
60 dB
@ 2170 MHz
65 dB
Connector type
SMA
Cable type(s)
RG-58 (LTE) / RG-174 (GPS)
Length
17 Feet
*Measured on 2ft GND plane and with 4 inch cables
**In free space with 17ft cables


Similar Part No. - GPSMB301

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
GPSMB401 PULSE-GPSMB401 Datasheet
2Mb / 29P
   MiMoLTE, WiFi, GNSS Vehicle Mount Antenna
GPSMB501 PULSE-GPSMB501 Datasheet
2Mb / 29P
   MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB501 PULSE-GPSMB501 Datasheet
2Mb / 29P
   MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB501 PULSE-GPSMB501 Datasheet
2Mb / 29P
   MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB501C PULSE-GPSMB501C Datasheet
2Mb / 29P
   MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
More results

Similar Description - GPSMB301

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
GPSMB501C PULSE-GPSMB501C Datasheet
2Mb / 29P
   MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB501 PULSE-GPSMB501 Datasheet
2Mb / 29P
   MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB501 PULSE-GPSMB501_17 Datasheet
2Mb / 29P
   MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB50XX PULSE-GPSMB50XX Datasheet
2Mb / 29P
   MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB401 PULSE-GPSMB401 Datasheet
2Mb / 29P
   MiMoLTE, WiFi, GNSS Vehicle Mount Antenna
GPSMB60 PULSE-GPSMB60 Datasheet
5Mb / 36P
   GNSS VEHICLE MOUNT ANTENNA
PAN62311DM PULSE-PAN62311DM Datasheet
5Mb / 36P
   GNSS VEHICLE MOUNT ANTENNA
logo
Maxtena Inc.
MEA-1176-AM MAXTENA-MEA-1176-AM Datasheet
1Mb / 3P
   GNSS/L1L2L5L6 Adhesive Mount antenna
REV A
logo
Mitsumi Electronics, Co...
GPA-GS200 MITSUMI-GPA-GS200 Datasheet
119Kb / 2P
   GNSS Antenna
GPA-GS250 MITSUMI-GPA-GS250 Datasheet
67Kb / 2P
   GNSS Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com