Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GPSMB301 Datasheet(PDF) 11 Page - Pulse A Technitrol Company

Part No. GPSMB301
Description  MiMoLTE, GNSS Vehicle Mount Antenna
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSMB301 Datasheet(HTML) 11 Page - Pulse A Technitrol Company

Back Button GPSMB301 Datasheet HTML 7Page - Pulse A Technitrol Company GPSMB301 Datasheet HTML 8Page - Pulse A Technitrol Company GPSMB301 Datasheet HTML 9Page - Pulse A Technitrol Company GPSMB301 Datasheet HTML 10Page - Pulse A Technitrol Company GPSMB301 Datasheet HTML 11Page - Pulse A Technitrol Company GPSMB301 Datasheet HTML 12Page - Pulse A Technitrol Company GPSMB301 Datasheet HTML 13Page - Pulse A Technitrol Company GPSMB301 Datasheet HTML 14Page - Pulse A Technitrol Company GPSMB301 Datasheet HTML 15Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Issue: 1637
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Series: Panther
Description: MiMo LTE, GNSS Vehicle Mount
Antenna
PART NUMBER: GPSMB301
CHARTS
11
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
3
6
9
0
4
8
12 16
20
24
28
32
36
40
44
48
52
56
60
64
68
72
76
80
84
88
92
96
100
104
108
112
116
120
124
128
132
136
140
144
148
152
156
160
164
168
172
176
180
-178
-174
-170
-166
-162
-158
-154
-150
-146
-142
-138
-134
-130
-126
-122
-118
-114
-110
-106
-102
-98
-94
-90
-86
-82
-78
-74
-70
-66
-62
-58
-54
-50
-46
-42
-38
-34
-30
-26
-22
-18
-14 -10
-6
-2
1900, LTE1
1900, LTE2
LTE antenna radiation pattern at 1900MHz with 2ft metal plate and
4inch cables
Vertical plot side view


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn