Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBR10NS60A Datasheet(PDF) 1 Page - Rohm

Part # RBR10NS60A
Description  Schottky Barrier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RBR10NS60A Datasheet(HTML) 1 Page - Rohm

  RBR10NS60A Datasheet HTML 1Page - Rohm RBR10NS60A Datasheet HTML 2Page - Rohm RBR10NS60A Datasheet HTML 3Page - Rohm RBR10NS60A Datasheet HTML 4Page - Rohm RBR10NS60A Datasheet HTML 5Page - Rohm RBR10NS60A Datasheet HTML 6Page - Rohm RBR10NS60A Datasheet HTML 7Page - Rohm RBR10NS60A Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RBR10NS60A
lApplication
lDimensions (Unit : mm)
lLand size figure (Unit : mm)
Switching power supply
lFeatures
1) Cathode common dual type
2) High reliability
3) Low VF
lStructure
lConstruction
lTaping Dimensions (Unit : mm)
Silicon epitaxial planar type
lAbsolute Maximum Ratings (T
c= 25°C)
Repetitive Peak Reverse Voltage
VRM
V
Reverse Voltage
VR
V
Operating Junction Temperature
Tj
°C
Storage Temperature
Tstg
°C
lElectrical and Thermal Characteristics (T
j = 25°C)
Symbol
Min.
Typ. Max.
Unit
Forward Voltage
VF
-
-
0.65
V
Reverse Current
IR
-
-
200
mA
Thermal Resistance
Rth(j-c)
-
-
2
°C/W
Duty≦0.5
60
Direct Reverse Voltage
60
-55 to +150
60Hz half sin Wave, resistive load,
10
60Hz half sin wave, Non-repetitive at
-
150
50
Ta=25°C, 1cycle, per diode
-
Parameter
Symbol
Conditions
Limits
Unit
Junction to case
A
IO/2 per diode, Tc=130°C Max.
Non-repetitive Forward Current Surge Peak
IFSM
Average Forward Rectified Current
Io
A
Parameter
Conditions
VR=60V
IF=5A
BR10NS
60A
(1)
(3)
(2)
1
(2) Cathode
(3) Anode
(1) Anode
JEITA : SC-83
: Manufacture date
ROHM : TO-263S
1
TO-263S
2.54
2.54
2.5
9.9
11
1/4
2016.07 - Rev.A


Similar Part No. - RBR10NS60A

ManufacturerPart #DatasheetDescription
logo
Rohm
RBR10NS30A ROHM-RBR10NS30A Datasheet
698Kb / 9P
   Schottky Barrier Diode
RBR10NS40A ROHM-RBR10NS40A Datasheet
752Kb / 9P
   Schottky Barrier Diode
RBR10NS40AFH ROHM-RBR10NS40AFH Datasheet
1Mb / 8P
   Schottky Barrier Diode
More results

Similar Description - RBR10NS60A

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com