Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25141QRGETQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM25141QRGETQ1
Description  2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25141QRGETQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM25141QRGETQ1 Datasheet HTML 2Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 3Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 4Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 5Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 6Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 7Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 8Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 9Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
6
LM25141-Q1
SNVSAP9 – MARCH 2017
www.ti.com
Product Folder Links: LM25141-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
All minimum and maximum limits are specified by correlating the electrical characteristics to process and temperature variations and
applying statistical process control.
(2)
The junction temperature (TJ in ºC) is calculated from the ambient temperature (TA in ºC) and power dissipation (PD in Watts) as follows:
TJ = TA + (PD × RθJA) where RθJA (in °C/W) is the package thermal impedance provided in the Thermal Information section.
6.5 Electrical Characteristics
TJ = –40°C to +125°C, Typical values TJ = 25°C, VIN = 12 V, VCCX = 5 V, VOUT = 5 V, EN = 5 V, OSC = VDD, FSW = 2.2
MHz, no-load on the Drive Outputs (HO, HOL, LO, and LOL outputs), over operating free-air temperature range (unless
otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN SUPPLY VOLTAGE
ISHUTDOWN
Shutdown mode current
VIN = 8–18 V, EN = 0 V, VCCX = 0 V
10
12.5
µA
ISTANDBY
Standby current
EN = 5 V, FB = VDD, VOUT in
regulation, no-load, not switching,
DEMB = GND.
35
45
µA
EN = 5 V, FB = 0 V, VOUT in
regulation, no-load, not switching,
VCCX = 5 V, DEMB = GND.
42
55
VCC REGULATOR
VCC(REG)
VCC regulation voltage
VIN = 6–18 V, 0–75 mA, VCCX = 0 V
4.75
5
5.25
V
VCC(UVLO)
VCC undervoltage threshold
VCC rising, VCCX = 0 V
3.25
3.4
3.55
V
VCC(HYST)
VCC hysteresis voltage
VCCX = 0 V
175
mV
ICC(LIM)
VCC sourcing current limit
VCCX = 0 V
85
125
mA
VDDA
VDDA(REG)
Internal bias supply power
VCCX = 0 V
4.75
5
5.25
V
VDDA(UVLO)
VCC rising, VCCX = 0 V
3.1
3.2
3.3
V
VDDA(HYST)
VCCX = 0 V
125
mV
RVDDA
VCCX = 0 V
55
Ω
VCCX
VCCX(ON)
VCC rising
4.1
4.3
4.4
V
VCCX(HYST)
80
mV
R(VCCX)
VCCX = 5 V
2
Ω
OSCILLATOR SELECT THRESHOLDS
Oscillator select threshold 2.2 MHz
(OSC pin)
2.0
V
Oscillator select threshold 440 kHz
(OSC pin)
0.8
V
CURENT LIMIT
V(CS)
Current limit threshold
ILSET = VDDA, measure from CS to
VOUT
68
75
82
mV
tdly
Current sense delay to output
40
ns
Current sense amplifier gain
11.4
12
12.6
V/V
ICS(BIAS)
Amplifier input bias
10
nA
RES
I(RES)
RES current source
20
µA
V(RES)
RES threshold
1.2
V
Timer
Timer hiccup mode fault
512
cycles
RDS(ON)
RES pulldown
4
Ω
OUTPUT VOLTAGE REGULATION
3.3 V
VIN = 3.8–42 V
3.273
3.3
3.327
V
5 V
VIN = 5.5–42 V
4.96
5.0
5.04
V
FEEDBACK
VOUT select threshold 3.3 V
VDD – 0.3
V
Regulated feedback voltage
1.193
1.2
1.207
V
FB(LOWRES)
Resistance to ground on FB for FB
= 0 detection
500
Ω


Similar Part No. - LM25141QRGETQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25141QRGETQ1 TI-LM25141QRGETQ1 Datasheet
2Mb / 50P
[Old version datasheet]   LM25141-Q1 2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
More results

Similar Description - LM25141QRGETQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25141-Q1 TI-LM25141-Q1_V01 Datasheet
2Mb / 50P
[Old version datasheet]   LM25141-Q1 2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
LM25143-Q1 TI-LM25143-Q1 Datasheet
3Mb / 70P
[Old version datasheet]   LM25143-Q1 Automotive 3.5-V to 42-V Dual Synchronous Buck Controller With Low IQ
MAY 2022
LM25143 TI-LM25143 Datasheet
4Mb / 69P
[Old version datasheet]   LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
TPS43350-Q1 TI1-TPS43350-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43350-Q1 TI-TPS43350-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
LM25149 TI-LM25149 Datasheet
2Mb / 49P
[Old version datasheet]   LM25149 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
LM25148 TI-LM25148 Datasheet
5Mb / 64P
[Old version datasheet]   LM25148 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
DECEMBER 2021
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
logo
Texas Instruments
LM5123-Q1 TI-LM5123-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   LM5123-Q1 2.2-MHz Wide VIN Low-IQ Synchronous Boost Controller with VOUT Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com