Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP85556 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TSOP85556
Description  IR Receiver Modules for Remote Control Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP85556 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TSOP85556 Datasheet HTML 3Page - Vishay Siliconix TSOP85556 Datasheet HTML 4Page - Vishay Siliconix TSOP85556 Datasheet HTML 5Page - Vishay Siliconix TSOP85556 Datasheet HTML 6Page - Vishay Siliconix TSOP85556 Datasheet HTML 7Page - Vishay Siliconix TSOP85556 Datasheet HTML 8Page - Vishay Siliconix TSOP85556 Datasheet HTML 9Page - Vishay Siliconix TSOP85556 Datasheet HTML 10Page - Vishay Siliconix TSOP85556 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TSOP853.., TSOP855..
www.vishay.com
Vishay Semiconductors
Not for New Designs
Rev. 1.9, 07-Nov-13
9
Document Number: 81860
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LABEL
Standard bar code labels for finished goods
The standard bar code labels are product labels and used
for identification of goods. The finished goods are packed in
final packing area. The standard packing units are labeled
with standard bar code labels before transported as finished
goods to warehouses. The labels are on each packing unit
and contain Vishay Semiconductor GmbH specific data.
DRY PACKING
The reel is packed in an anti-humidity bag to protect the
devices from absorbing moisture during transportation and
storage.
FINAL PACKING
The sealed reel is packed into a cardboard box. A secondary
cardboard box is used for shipping purposes.
RECOMMENDED METHOD OF STORAGE
Dry box storage is recommended as soon as the aluminum
bag has been opened to prevent moisture absorption. The
following conditions should be observed, if dry boxes are
not available:
• Storage temperature 10 °C to 30 °C
• Storage humidity
≤ 60 % RH max.
After more than 72 h under these conditions moisture
content will be too high for reflow soldering.
In case of moisture absorption, the devices will recover to
the former condition by drying under the following condition:
192 h at 40 °C + 5 °C / - 0 °C and < 5 % RH (dry air/nitrogen)
or
96 h at 60 °C + 5 °C and < 5 % RH for all device containers
or
24 h at 125 °C + 5 °C not suitable for reel or tubes.
An EIA JEDEC® standard JSTD-020 level 4 label is included
on all dry bags.
VISHAY SEMICONDUCTOR GmbH STANDARD BAR CODE PRODUCT LABEL (finished goods)
PLAIN WRITING
ABBREVIATION
LENGTH
Item-description
-18
Item-number
INO
8
Selection-code
SEL
3
LOT-/serial-number
BATCH
10
Data-code
COD
3 (YWW)
Plant-code
PTC
2
Quantity
QTY
8
Accepted by
ACC
-
Packed by
PCK
-
Mixed code indicator
MIXED CODE
-
Origin
xxxxxxx+
Company logo
Long bar code top
Type
Length
Item-number
N8
Plant-code
N2
Sequence-number
X3
Quantity
N8
Total length
-21
Short bar code bottom
Type
Length
Selection-code
X3
Data-code
N3
Batch-number
X10
Filter
-1
Total length
-17
Aluminum bag
Label
Reel
15973


Similar Part No. - TSOP85556

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP852 VISHAY-TSOP852 Datasheet
271Kb / 9P
   IR Receiver Modules for Remote Control Systems
Revision: 1.1, 29-Jan-09
TSOP85230 VISHAY-TSOP85230 Datasheet
291Kb / 10P
   IR Receiver Modules for Remote Control Systems
Revision: 1.0, 28-Aug-08
TSOP85230 VISHAY-TSOP85230 Datasheet
271Kb / 9P
   IR Receiver Modules for Remote Control Systems
Revision: 1.1, 29-Jan-09
TSOP85233 VISHAY-TSOP85233 Datasheet
291Kb / 10P
   IR Receiver Modules for Remote Control Systems
Revision: 1.0, 28-Aug-08
TSOP85233 VISHAY-TSOP85233 Datasheet
271Kb / 9P
   IR Receiver Modules for Remote Control Systems
Revision: 1.1, 29-Jan-09
More results

Similar Description - TSOP85556

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com