Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP85340 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP85340
Description  IR Receiver Modules for Remote Control Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP85340 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP85340 Datasheet HTML 1Page - Vishay Siliconix TSOP85340 Datasheet HTML 2Page - Vishay Siliconix TSOP85340 Datasheet HTML 3Page - Vishay Siliconix TSOP85340 Datasheet HTML 4Page - Vishay Siliconix TSOP85340 Datasheet HTML 5Page - Vishay Siliconix TSOP85340 Datasheet HTML 6Page - Vishay Siliconix TSOP85340 Datasheet HTML 7Page - Vishay Siliconix TSOP85340 Datasheet HTML 8Page - Vishay Siliconix TSOP85340 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TSOP853.., TSOP855..
www.vishay.com
Vishay Semiconductors
Not for New Designs
Rev. 1.9, 07-Nov-13
1
Document Number: 81860
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
MECHANICAL DATA
Pinning
1, 4, 5 = GND, 2 = VS, 3 = OUT
FEATURES
• Very low supply current
• Photo detectors and preamplifier in one package
• Internal filter for PCM frequency
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against ambient light
• Capable of side or top view
• Two lenses for high sensitivity and wide
receiving angle
• Insensitive to supply voltage ripple and noise
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
These products are miniaturized receivers for infrared
remote control systems. A PIN diode and a preamplifier are
assembled on a lead frame, the epoxy package acts as an
IR filter.
The demodulated output signal can be directly decoded
by a microprocessor. The TSOP853.. is optimized to better
suppress spurious pulses from energy saving fluorescent
lamps. The TSOP855.. has an excellent noise suppression.
It is immune to dimmed LCD backlighting and any
fluorescent lamps. AGC3 and AGC5 may also suppress
some data signals in case of continuous transmission.
This component has not been qualified according to
automotive specifications.
BLOCK DIAGRAM
APPLICATION CIRCUIT
20427-1
1
5
4
2
3
PARTS TABLE
AGC
NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC3)
VERY NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC5)
Carrier
frequency
30 kHz
TSOP85330
TSOP85530
33 kHz
TSOP85333
TSOP85533
36 kHz
TSOP85336 (1)(2)
TSOP85536 (1)(2)
38 kHz
TSOP85338 (3)(4)(5)(6)
TSOP85538 (3)(4)(5)
40 kHz
TSOP85340
TSOP85540
56 kHz
TSOP85356
TSOP85556
Package
Pinning
1, 4, 5 = GND, 2 = VS, 3 = OUT
Dimensions (mm)
8.0 H x 3.3 W x 2.7 L
Mounting
SMD
Application
Remote control
Best remote control code
(1) MCIR (2) RCMM (3) Mitsubishi (4) RECS-80 Code (5) r-map (6) XMP-1, XMP-2
30 k
Ω
V
S
OUT
Demo-
GND
pass
AGC
Input
PIN
Band
dulator
Control circuit
2
3
1, 4, 5
20445
C1
IR receiver
GND
µC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170_5
OUT
R
1 and C1 are recommended for protection against EOS.
Components should be in the range of 33
Ω < R
1 < 1 kΩ,
C
1 > 0.1 µF.


Similar Part No. - TSOP85340

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP85340 VISHAY-TSOP85340 Datasheet
300Kb / 10P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 10-Sep-08
More results

Similar Description - TSOP85340

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com