Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP36138 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP36138
Description  IR Receiver Modules for Remote Control Systems
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP36138 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP36138 Datasheet HTML 1Page - Vishay Siliconix TSOP36138 Datasheet HTML 2Page - Vishay Siliconix TSOP36138 Datasheet HTML 3Page - Vishay Siliconix TSOP36138 Datasheet HTML 4Page - Vishay Siliconix TSOP36138 Datasheet HTML 5Page - Vishay Siliconix TSOP36138 Datasheet HTML 6Page - Vishay Siliconix TSOP36138 Datasheet HTML 7Page - Vishay Siliconix TSOP36138 Datasheet HTML 8Page - Vishay Siliconix TSOP36138 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TSOP361.., TSOP363.., TSOP365..
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 22-Jul-16
1
Document Number: 82567
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
MECHANICAL DATA
Pinning:
1 = GND, 2 = N.C., 3 = VS, 4 = OUT
ORDERING CODE
Taping:
TSOP36...TT - top view taped
TSOP36...TR - side view taped
FEATURES
• Very low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Continuous data transmission possible
• Supply voltage: 2.5 V to 5.5 V
• Insensitive to supply voltage ripple and noise
• Taping available for topview and sideview
assembly
• Material
categorization:
for
definitions
of
compliance please see www.vishay.com/doc?99912
DESCRIPTION
The TSOP361.., TSOP363.., and TSOP365.. series are
miniaturized SMD IR receiver modules for infrared remote
control systems. PIN diode and preamplifier are assembled
on a lead frame, the epoxy package contains an IR filter. The
demodulated output signal can be directly connected to a
microprocessor for decoding.
The TSOP363.. series devices are optimized to suppress
almost all spurious pulses from energy saving lamps like
CFLs. AGC3 may also suppress some data signals if
continuously transmitted.
The
TSOP361..
series
are
provided
primarily
for
compatibility with old AGC1 designs. New designs should
prefer the TSOP363.. series containing the newer AGC3.
The TSOP365.. series contain a very robust AGC5. This
series should only be used for critically noisy environments.
These components have not been qualified according to
automotive specifications.
16797
1
2
3
4
PARTS TABLE
AGC
LEGACY, FOR SHORT BURST
REMOTE CONTROLS (AGC1)
NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC3)
VERY NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC5)
Carrier
frequency
30 kHz
TSOP36130
TSOP36330
TSOP36530
33 kHz
TSOP36133
TSOP36333
TSOP36533
36 kHz
TSOP36136
TSOP36336 (1)
TSOP36536
38 kHz
TSOP36138
TSOP36338 (2)(3)(4)(5)
TSOP36538
40 kHz
TSOP36140
TSOP36340
TSOP36540
56 kHz
TSOP36156
TSOP36356
TSOP36556
Package
Panhead
Pinning
1 = GND, 2 = N.C., 3 = VS, 4 = OUT
Dimensions (mm)
7.5 W x 5.3 H x 4.0 D
Mounting
SMD
Application
Remote control
Best remote control code
(1) MCIR (2) Mitsubishi (3) RECS-80 Code (4) r-map (5) XMP-1, XMP-2


Similar Part No. - TSOP36138

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP36138 VISHAY-TSOP36138 Datasheet
406Kb / 13P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 20-Aug-08
TSOP36138 VISHAY-TSOP36138 Datasheet
647Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 14-Sep-17
More results

Similar Description - TSOP36138

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com