Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP77P38 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP77P38
Description  IR Receiver Modules for Remote Control Systems
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP77P38 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP77P38 Datasheet HTML 1Page - Vishay Siliconix TSOP77P38 Datasheet HTML 2Page - Vishay Siliconix TSOP77P38 Datasheet HTML 3Page - Vishay Siliconix TSOP77P38 Datasheet HTML 4Page - Vishay Siliconix TSOP77P38 Datasheet HTML 5Page - Vishay Siliconix TSOP77P38 Datasheet HTML 6Page - Vishay Siliconix TSOP77P38 Datasheet HTML 7Page - Vishay Siliconix TSOP77P38 Datasheet HTML 8Page - Vishay Siliconix TSOP77P38 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
New Product
TSOP77P38
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 13-Mar-12
1
Document Number: 82481
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
MECHANICAL DATA
Pinning:
1, 4 = GND, 2 = VS, 3 = OUT
FEATURES
• Continuous data transmission possible
• Very low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against ambient light
• Capable of side or top view
• Insensitive to supply voltage ripple and noise
• Two lenses for high sensitivity and wide receiving angle
• Narrow optical filter to reduce interference from plasma
TV emissions
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
The TSSP77P38 series are two lens miniaturized receivers
for Mid range proximity sensor systems. A PIN diode and a
preamplifier are assembled on a lead frame, the epoxy
package acts as an IR filter.
The output pulse width of the TSSP77P38 has an almost
linear relationship to the distance of the emitter or the
distance of an reflecting object. The TSSP77P38 is
optimized to suppress almost all spurious pulses from
energy saving fluorescent lamps.
This component has not been qualified according to
automotive specifications
Note
(1) Other frequencies available by request
BLOCK DIAGRAM
APPLICATION CIRCUIT
1
2
3
4
20953
1
2
3
4
20953
PARTS TABLE
CARRIER FREQUENCY
MID RANGE SENSOR
38 kHz (1)
TSSP77P38
30 k
Ω
VS
OU T
Demo-
GND
pass
AGC
Input
PIN
Band
dulator
Control circuit
2
3
1, 4
20445-1
C1
IR receiver
GND
µC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170-10
OUT
The external components R1 and C1 are optional
to improve the robustness against electrical overstress
(typical values are R1 = 100 Ω, C1 = 0.1 µF).


Similar Part No. - TSOP77P38

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP77038 VISHAY-TSOP77038 Datasheet
270Kb / 11P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 28-Mar-12
TSOP772 VISHAY-TSOP772 Datasheet
289Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 10-Nov-15
TSOP772 VISHAY-TSOP772 Datasheet
626Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.8, 26-Apr-2018
TSOP772 VISHAY-TSOP772 Datasheet
478Kb / 13P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP772.. VISHAY-TSOP772.. Datasheet
478Kb / 13P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
More results

Similar Description - TSOP77P38

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com