Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC26U Datasheet(PDF) 3 Page - StarHope

Part # TSC26U
Description  TSC(720W) Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSC26U Datasheet(HTML) 3 Page - StarHope

  TSC26U Datasheet HTML 1Page - StarHope TSC26U Datasheet HTML 2Page - StarHope TSC26U Datasheet HTML 3Page - StarHope TSC26U Datasheet HTML 4Page - StarHope TSC26U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPSEMI
www.spsemi.cn
Page 3 of 5
TSC(720W) Series
Ratings And Characteristic Curves(TA=25
Unless otherwise noted)
Fig.1 Peak Pulse Power Rating
Fig.2 Pulse Derating Cruve
I-V Curve Characteristics
Uni-directional
Bi-directional
IPP
IR
IT
VC VBR VRWM
IPP
IR
IT
VC
VBR
VRWM
V
IPP
IR
IT
VC VBR VRWM
VF
V
Fig.3 Pulse Waveform
Fig.4 Typical Junction Capacitance
0
0
1.0
2.0
4.0
3.0
10/1000 sec Waveform
μ.
as defined by R.E.A
Half Value
IPPM
2
tr=10uS
Peak Value
IPPM
T=25
J
Pulse width(td) is defined
ad the Point where the Peak
Current Decays to 50% of IPPM
50
100
150
t-Time(mS)
td
025
50
75
100 125 150 175 200
0
25
50
75
100
T -Ambient Temperature(
)
A
0.2
0.2"(5.0
5.0mm)
××
Copper Pad Areas
1
10
100
10
100
1000
10000
V
-Reverse Stand-off Voltage(V)
WM
V ,Measured at
R
Stand-Off
Voltage,VWM
200
TJ=25
f=1.0MHZ
Vsig=50mVp-p
Measured at
Zero Bias
Uni-Directional
Bi-Directional
0.1
μs
10
μs
10ms
0.1
10
100
td - Pulse Width (sec.)
1
1.0
μs
100
μs 1.0ms
Non-repetitive pulse
waveform shown in
Fig.3 TA = 25°C
REV 2017
..03 01
.


Similar Part No. - TSC26U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSC2 ETC1-TSC2 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Tumbler Technologies + ...
TSC2-2D0505N TRUMPOWER-TSC2-2D0505N Datasheet
27Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 2 Watt
TSC2-2D0505N TRUMPOWER-TSC2-2D0505N Datasheet
27Kb / 1P
   DC/DC CONVERTERS
TSC2-2D0512N TRUMPOWER-TSC2-2D0512N Datasheet
27Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 2 Watt
TSC2-2D0512N TRUMPOWER-TSC2-2D0512N Datasheet
27Kb / 1P
   DC/DC CONVERTERS
More results

Similar Description - TSC26U

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1461185 MACOM-1461185 Datasheet
128Kb / 2P
   TSC SPECIAL TYPE
2-1419130-1 MACOM-2-1419130-1 Datasheet
128Kb / 2P
   TSC SPECIAL TYPE
2-1419130-3 MACOM-2-1419130-3 Datasheet
128Kb / 2P
   TSC SPECIAL TYPE
2-1419130-8 MACOM-2-1419130-8 Datasheet
128Kb / 2P
   TSC SPECIAL TYPE
2-1419130-4 MACOM-2-1419130-4 Datasheet
128Kb / 2P
   TSC SPECIAL TYPE
2-1419130-7 MACOM-2-1419130-7 Datasheet
120Kb / 2P
   TSC STANDARD TYPE
logo
TEMIC Semiconductors
TSC80251 TEMIC-TSC80251 Datasheet
771Kb / 219P
   TSC 80251 Programmer?셲 Guide
logo
List of Unclassifed Man...
PWS-721P-1R ETC1-PWS-721P-1R Datasheet
225Kb / 1P
   720W 1U Redundant Power Supply Specification
logo
Red Lion Controls. Inc
TSC11001 REDLION-TSC11001 Datasheet
1Mb / 8P
   MODEL TSC - TEMPERATURE SETPOINT CONTROLLER
logo
Asahi Kasei Microsystem...
AK4184A AKM-AK4184A Datasheet
626Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com