Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE400A Datasheet(PDF) 1 Page - StarHope

Part # P6KE400A
Description  Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 600 Volts 600 Watt Peak Power/5.0Watt Steady State
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

P6KE400A Datasheet(HTML) 1 Page - StarHope

  P6KE400A Datasheet HTML 1Page - StarHope P6KE400A Datasheet HTML 2Page - StarHope P6KE400A Datasheet HTML 3Page - StarHope P6KE400A Datasheet HTML 4Page - StarHope P6KE400A Datasheet HTML 5Page - StarHope P6KE400A Datasheet HTML 6Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 1 of
6
Glass Passivated Junction Transient Voltage Suppressor
Voltage - 6.8 to 600 Volts
600 Watt Peak Power/5.0Watt Steady State
Features
Plastic package
Glass passivated chip junction in DO-15 Package
600W surge capability at 10/1000 s wave form
μ
Excellent clamping capability
Low zener impedance
Fast response time: typically less than 1.0ps from 0 Volts to B min.
V
Typical IR less than 1 A above 10V
μ
High temperature soldering guaranteed: 265°C/10 seconds/.375",
(9.5mm) lead length, 5lbs., (2.3kg) tension
Pb-free plated
P6KE(600W) Series
Mechanical Data
Case: JEDEC DO-15 Molded plastic
Terminals: Solderable per MIL-STD-750,Method 2026
Polarity: Color band denotes cathode except Bipolar
Any
Mounting Position:
0.015 ounce, 0.4 grams
Weight:
Devices For Bipolar Application
For Bidirectional use C or CA Suffix for types P6KE6.8 thru types P6KE600 (e.g. P6KE6.8C , P6KE600CA)
Electrical characteristics apply in both directions
Maximum Ratings And Characteristics
Ratings at 25
ambient temperature unless otherwise specified.
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above T
= 25
per Fig. 2 .
A
2.Mounted on Copper Pad area of 1.6×1.6" (40×40mm) per Fig. 5
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note3)
Operating junction and Storage Temperature Range
RATING
SYMBOL
VALUE
UNITS
PPPM
IFSM
T, T
JSTG
Minimum
600
5
-55 to
+175
100
Watts
Amps
PM(AV)
Watts
Peak Pulse Power Dissipation at T
25
T
AP
==
℃,
()
1ms
Note 1
Steady State Power Dissipation at T
Lead
L
=75
℃,
..
lengths 375
9 5mm
Note 2
",(
) (
)
REV 2016 08 10


Similar Part No. - P6KE400A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE400A PANJIT-P6KE400A Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
STMicroelectronics
P6KE400A STMICROELECTRONICS-P6KE400A Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
logo
MDE Semiconductor, Inc.
P6KE400A MDE-P6KE400A Datasheet
78Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Yea Shin Technology Co....
P6KE400A YEASHIN-P6KE400A Datasheet
1Mb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
P6KE400A GE-P6KE400A Datasheet
65Kb / 4P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE400A

ManufacturerPart #DatasheetDescription
logo
StarHope
P6KE SPSEMI-P6KE Datasheet
356Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 600 Volts
logo
Pan Jit International I...
P4KE PANJIT-P4KE Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
StarHope
TVS-P4KE SPSEMI-TVS-P4KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 550 Volts 400 Watt Peak Power/1.0Watt Steady State
logo
DB Lectro Inc
1.5KE DBLECTRO-1.5KE Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Pan Jit International I...
P6KE PANJIT-P6KE Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
StarHope
TVS-1KE SPSEMI-TVS-1KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 6.8 to 550 Volts 1500 Watt Peak Pulse Power/6.5 Watt Steady State
logo
DB Lectro Inc
BZW04 DBLECTRO-BZW04 Datasheet
195Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 440 Volts 400 Watts Peak 1.0 Watt Steady Stae
logo
Rectron Semiconductor
TFMBJ RECTRON-TFMBJ Datasheet
1,016Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
P6KE RECTRON-P6KE Datasheet
1Mb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
logo
Pan Jit International I...
P6KE-AU PANJIT-P6KE-AU Datasheet
229Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watt
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com