Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC16U Datasheet(PDF) 1 Page - StarHope

Part # TSC16U
Description  TSC(720W) Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSC16U Datasheet(HTML) 1 Page - StarHope

  TSC16U Datasheet HTML 1Page - StarHope TSC16U Datasheet HTML 2Page - StarHope TSC16U Datasheet HTML 3Page - StarHope TSC16U Datasheet HTML 4Page - StarHope TSC16U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPSEMI
Features
For surface mounted applications in order to optimize board space
Pb-free plated
Peak Power is 720W@1ms
ESD Rating of Class X (> 15 kV) (IEC6100-4-2)
Response Time is Typically<1 ns
Low profile package
Typical I less than 1µA above 10V
R
Low inductance
Excellent clamping capability
AEC-Q101
TSC(720W) Series
Applications
I/O interface
AC/DC power supply
Low frequency signal transmission line (RS232, RS485, etc.)
Mechanical Characteristics
Case: JEDEC DO-214AA. Molded plastic over glass passivated junction
Solderable per MIL-STD-750, Method 2026
Terminal:
Color band denoted positive end (cathode) except Bidirectional
Polarity:
12mm tape (EIA STD RS-481)
Standard Packaging:
0.003 ounce, 0.093 gram
Weight:
Maximum Ratings And Characteristics
Ratings at 25
ambient temperature unless otherwise specified.
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25
per Fig. 2 .
2.Mounted on 5.0mm x 5.0mm (0.03mm thick) Copper Pads to each terminal
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
Peak Pulse Power Dissipation on 10/1000µs waveform
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note2,3)
Operating junction and Storage Temperature Range
RATING
SYMBOL
VALUE
UNITS
PPPM
IFSM
T, T
JSTG
Minimum
720
-55 to
+150
100
Watts
Amps
Functional Diagram
Bi-directional
Uni-directional
Cathode
Anode
www.spsemi.cn
Page 1 of 5
REV 2017
..03 01
.


Similar Part No. - TSC16U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSC16 ETC1-TSC16 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
More results

Similar Description - TSC16U

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1461185 MACOM-1461185 Datasheet
128Kb / 2P
   TSC SPECIAL TYPE
2-1419130-1 MACOM-2-1419130-1 Datasheet
128Kb / 2P
   TSC SPECIAL TYPE
2-1419130-3 MACOM-2-1419130-3 Datasheet
128Kb / 2P
   TSC SPECIAL TYPE
2-1419130-8 MACOM-2-1419130-8 Datasheet
128Kb / 2P
   TSC SPECIAL TYPE
2-1419130-4 MACOM-2-1419130-4 Datasheet
128Kb / 2P
   TSC SPECIAL TYPE
2-1419130-7 MACOM-2-1419130-7 Datasheet
120Kb / 2P
   TSC STANDARD TYPE
logo
TEMIC Semiconductors
TSC80251 TEMIC-TSC80251 Datasheet
771Kb / 219P
   TSC 80251 Programmer?셲 Guide
logo
List of Unclassifed Man...
PWS-721P-1R ETC1-PWS-721P-1R Datasheet
225Kb / 1P
   720W 1U Redundant Power Supply Specification
logo
Red Lion Controls. Inc
TSC11001 REDLION-TSC11001 Datasheet
1Mb / 8P
   MODEL TSC - TEMPERATURE SETPOINT CONTROLLER
logo
Asahi Kasei Microsystem...
AK4184A AKM-AK4184A Datasheet
626Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com