Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE350A Datasheet(PDF) 3 Page - StarHope

Part # P6KE350A
Description  Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 600 Volts 600 Watt Peak Power/5.0Watt Steady State
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

P6KE350A Datasheet(HTML) 3 Page - StarHope

  P6KE350A Datasheet HTML 1Page - StarHope P6KE350A Datasheet HTML 2Page - StarHope P6KE350A Datasheet HTML 3Page - StarHope P6KE350A Datasheet HTML 4Page - StarHope P6KE350A Datasheet HTML 5Page - StarHope P6KE350A Datasheet HTML 6Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPSEMI
www.spsemi.cn
Page 3 of
6
P6KE56A
P6KE62A
P6KE68A
P6KE75A
P6KE82A
P6KE91A
P6KE100A
P6KE110A
P6KE120A
P6KE130A
P6KE150A
P6KE160A
P6KE170A
P6KE180A
P6KE200A
P6KE220A
P6KE250A
P6KE300A
P6KE350A
P6KE400A
P6KE440A
P6KE480A
P6KE510A
P6KE530A
P6KE540A
P6KE550A
P6KE600A
P6KE
Part Number
Reverse
Stand-Off
Voltage
V
(V)
RWM
Breakdown
Voltage
@IT
V
(V)Min.
BR
Breakdown
Voltage
@IT
V
(V)Max.
BR
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
I(
A)
R
UNI-Polar
BI-Polar
Electrical Characteristics
TABLE1
“ ”Stand for commonly used models
*
P6KE56CA
P6KE62CA
P6KE68CA
P6KE75CA
P6KE82CA
P6KE91CA
P6KE100CA
P6KE110CA
P6KE120CA
P6KE130CA
P6KE150CA
P6KE160CA
P6KE170CA
P6KE180CA
P6KE200CA
P6KE220CA
P6KE250CA
P6KE300CA
P6KE350CA
P6KE400CA
P6KE440CA
P6KE480CA
P6KE510CA
P6KE530CA
P6KE540CA
P6KE550CA
P6KE600CA
47.80
53.00
58.10
64.10
70.10
77.80
85.50
94.00
102.00
111.00
128.00
136.00
145.00
154.00
171.00
185.00
214.00
256.00
300.00
342.00
376.00
408.00
434.00
450.00
459.00
467.00
512.00
53.20
58.90
64.60
71.30
77.90
86.50
95.00
105.00
114.00
124.00
143.00
152.00
162.00
171.00
190.00
209.00
237.00
285.00
332.00
380.00
418.00
456.00
485.00
503.50
513.00
522.50
570.00
58.80
65.10
71.40
78.80
86.10
95.50
105.00
116.00
126.00
137.00
158.00
168.00
179.00
189.00
210.00
231.00
263.00
315.00
368.00
420.00
462.00
504.00
535.00
556.50
567.00
577.50
630.00
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
77.0
85.0
92.0
103.0
113.0
125.0
137.0
152.0
165.0
179.0
207.0
219.0
234.0
246.0
274.0
328.0
344.0
414.0
482.0
548.0
602.0
658.0
698.0
725.0
740.0
760.0
828.0
7.9
7.2
6.6
5.9
5.4
4.9
4.5
4.0
3.7
3.4
2.9
2.8
2.6
2.5
2.2
1.9
1.8
1.5
1.3
1.1
1.0
0.9
0.9
0.8
0.8
0.8
0.75
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Notes :
1.For bidirectional type having V
of 10 volts and less, the I limit is double
RWM
R
For parts with A , the V
is ± 5%
2.
BR
..
.
P6KE(600W) Series
*
*
*
*
*
*
*
*
*
*
*
*
REV 2016 08 10
μ


Similar Part No. - P6KE350A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE350A PANJIT-P6KE350A Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Socay Electornics Co., ...
P6KE350A SOCAY-P6KE350A Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
MIC GROUP RECTIFIERS
P6KE350A MIC-P6KE350A Datasheet
69Kb / 4P
   PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
P6KE350A CHONGQING-P6KE350A Datasheet
249Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
General Semiconductor
P6KE350A GE-P6KE350A Datasheet
65Kb / 4P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE350A

ManufacturerPart #DatasheetDescription
logo
StarHope
P6KE SPSEMI-P6KE Datasheet
356Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 600 Volts
logo
Pan Jit International I...
P4KE PANJIT-P4KE Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
StarHope
TVS-P4KE SPSEMI-TVS-P4KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 550 Volts 400 Watt Peak Power/1.0Watt Steady State
logo
DB Lectro Inc
1.5KE DBLECTRO-1.5KE Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Pan Jit International I...
P6KE PANJIT-P6KE Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
StarHope
TVS-1KE SPSEMI-TVS-1KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 6.8 to 550 Volts 1500 Watt Peak Pulse Power/6.5 Watt Steady State
logo
DB Lectro Inc
BZW04 DBLECTRO-BZW04 Datasheet
195Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 440 Volts 400 Watts Peak 1.0 Watt Steady Stae
logo
Rectron Semiconductor
TFMBJ RECTRON-TFMBJ Datasheet
1,016Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
P6KE RECTRON-P6KE Datasheet
1Mb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
logo
Pan Jit International I...
P6KE-AU PANJIT-P6KE-AU Datasheet
229Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watt
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com