Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR16MCS9VJI70 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CR16MCS9VJI70
Description  Family of 16-bit CAN-enabled CompactRISC Microcontrollers
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CR16MCS9VJI70 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CR16MCS9VJI70 Datasheet HTML 1Page - National Semiconductor (TI) CR16MCS9VJI70 Datasheet HTML 2Page - National Semiconductor (TI) CR16MCS9VJI70 Datasheet HTML 3Page - National Semiconductor (TI) CR16MCS9VJI70 Datasheet HTML 4Page - National Semiconductor (TI) CR16MCS9VJI70 Datasheet HTML 5Page - National Semiconductor (TI) CR16MCS9VJI70 Datasheet HTML 6Page - National Semiconductor (TI) CR16MCS9VJI70 Datasheet HTML 7Page - National Semiconductor (TI) CR16MCS9VJI70 Datasheet HTML 8Page - National Semiconductor (TI) CR16MCS9VJI70 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 156 page
background image
www.national.com
4
CR16 CompactRISC Microcontroller with CAN Interface Family Selection Guide
Programmable devices
Factory Programmed devices
ROM devices
Note: All devices contains Access.bus (ACB), Clock and Re-
set, MICROWIRE/API, Multi-Input Wake-Up (MIWU), Power
Management (PMM), and the Real-Time Timer and Watch-
dog (TWM) modules. Access.bus is compatible with I2C bus
offered by Philips Semiconductor.
CR16 CompactRISC Microcontroller with CAN Interface
Family Devices
National Semiconductor currently offers a variety of the
CR16 CompactRISC Microcontrollers with CAN interface.
The CR16MCS offer complete functionality in an 80-pin
PQFP package.
NSID
Speed
(MHz)
Flash/
(kByte)
EEPROM
Data
Memory
(Bytes)
SRAM
(kBytes)
USART
Timer
I/Os
Temp.
Range
Peripherals
Package
Type
CR16MCS9VJEx
16
64
2176
3
2
2MFT,
VTU
56
E, I
ADC, CAN,
Comparators
80 PQFP
CR16MAS9VJEx
24
64
3
2
2MFT,
VTU
56
E, I
ADC, CAN,
Comparators
80 PQFP
NSID
Speed
(MHz)
Flash/
(KByte)
EEPROM
Data
Memory
(Bytes)
SRAM
(kBytes)
USART
Timer
I/Os
Temp.
Range
Peripherals
Package
Type
CR16MCS9VJExy
16
64
2176
3
2
2MFT,
VTU
56
E, I
ADC, CAN,
Comparators
80 PQFP
CR16MCS9VJExy
24
64
2176
3
2
2MFT,
VTU
56
E, I
ADC, CAN,
Comparators
80 PQFP
NSID
Speed
(MHz)
Flash/
ROM
(KByte)
EEPROM
Data
Memory
(Bytes)
SRAM
(kBytes)
USART
Timer
I/Os
Temp.
Range
Peripherals
Package
Type
CR16HCS9VJEx
24
64
2176
3
2
2MFT,
VTU
56
E, I
ADC, CAN,
Comparators
80 PQFP
CR16MCS5VJEx
24
64
2176
3
2
2MFT,
VTU
56
E, I
ADC, CAN,
Comparators
80 PQFP
CR16MBR5VJEx
24
32
2176
3
2
2MFT,
VTU
56
E, I
ADC, CAN,
Comparators
80 PQFP
CR16MAR5VJEx
24
32
3
2
2MFT,
VTU
56
E, I
CAN,
80 PQFP
CR16MAS5VJEx
24
64
3
2
2MFT,
VTU
56
E, I
CAN,
80 PQFP
Note:
Suffix x in the NSID is defined below:
Temperature Ranges:
I = Industrial
E = Extended
Suffix y in the NSID defines the ROM code.
-40
°C to +85°C is represented when x is 8
-40
°C to +125°C is represented when x is 7


Similar Part No. - CR16MCS9VJI70

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CR16MCT5 NSC-CR16MCT5 Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT5VJEXY NSC-CR16MCT5VJEXY Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9 NSC-CR16MCT9 Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9VJEX NSC-CR16MCT9VJEX Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9VJEXY NSC-CR16MCT9VJEXY Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
More results

Similar Description - CR16MCS9VJI70

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CR16MES5 NSC-CR16MES5 Datasheet
449Kb / 99P
   Family of CompactRISC 16-Bit Microcontrollers
logo
Texas Instruments
CR16MES5 TI1-CR16MES5 Datasheet
996Kb / 101P
[Old version datasheet]   Family of CompactRISC 16-Bit Microcontrollers
logo
Siemens Semiconductor G...
C165 SIEMENS-C165 Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
SAB80C166W SIEMENS-SAB80C166W Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
M166 SIEMENS-M166 Datasheet
373Kb / 127P
   C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
logo
Samsung semiconductor
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
   SAM87 family of 8-bit single-chip CMOS microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com