Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB58U Datasheet(PDF) 4 Page - StarHope

Part # TSB58U
Description  TSB(480W) Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSB58U Datasheet(HTML) 4 Page - StarHope

  TSB58U Datasheet HTML 1Page - StarHope TSB58U Datasheet HTML 2Page - StarHope TSB58U Datasheet HTML 3Page - StarHope TSB58U Datasheet HTML 4Page - StarHope TSB58U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
瞬 雷 电 子
S P S E M I
www.spsemi.cn
Page 4 of 5
TSB(480W) Series
Ratings And Characteristic Curves
Fig.5 Typ.Transient Thermal Impedance
Fig.6 Maximum Non-Repetitive Peak
Forward Surge Current Uni-Directional Only
1
0
10
100
10
5
15
20
25
30
Number of Cycles at 60HZ
TJ=TJmax
8.3mS single half sine-wave
(JEDEC Method)
Recommended Soldering Conditions
Recommended Conditions
Reflow Soldering
ts
tP
tL
Time
25
time to peak temperature
(t 25℃ to peak)
Ts(min)
Ts(max)
TL
TP
Preheat
Ramp-down
Ramp-up
Critical Zone
TL to TP
Re”ow Condition
Pb-Free assembly
(see Fig.1)
Pre Heat
-Temperature Min(T s(min))
-Temperature Max(T s(max))
-Time(Min to Max)(t s)
Average ramp up rate
(Liquidus Temp(TL) to peak)
Ts(max) to TL -Ramp-up Rate
Re”ow
-Temperature(TL)(Liquidus)
-Temperature(tL)
Peak Temp(TP)
Time within 5℃ of actual Peak Temp(tP)
Ramp-down Rate
Time 25℃ to Peak Temp(TP)
Do not exceed
+150℃
+200℃
60-180secs
3℃/sec.Max.
3℃/sec.Max.
+217℃
60-150secs
+260(+0/-5)℃
30 secs.Max.
6℃/sec.Max.
8 min.Max.
+260℃
0.001
1
0.1
1
1000
10
10
100
1000
tp-Pulse Duration(sec)
0.01
100
Marking Code
Cathode Band
AG
****
Marking Code
Logo
Dat
e Code
WG
****
Marking Code
Logo
Dat
e Code
REV 2017
..03 01
.


Similar Part No. - TSB58U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSB582 STMICROELECTRONICS-TSB582 Datasheet
1Mb / 34P
   200 mA output current with thermal shutdown and output current limiter, 3.1 MHz,36 V, BiCMOS dual operational amplifier
Rev 2 - August 2022
TSB582IDT STMICROELECTRONICS-TSB582IDT Datasheet
1Mb / 34P
   200 mA output current with thermal shutdown and output current limiter, 3.1 MHz,36 V, BiCMOS dual operational amplifier
Rev 2 - August 2022
TSB582IQ2T STMICROELECTRONICS-TSB582IQ2T Datasheet
1Mb / 34P
   200 mA output current with thermal shutdown and output current limiter, 3.1 MHz,36 V, BiCMOS dual operational amplifier
Rev 2 - August 2022
TSB582IYDT STMICROELECTRONICS-TSB582IYDT Datasheet
1Mb / 34P
   200 mA output current with thermal shutdown and output current limiter, 3.1 MHz,36 V, BiCMOS dual operational amplifier
Rev 2 - August 2022
TSB582IYQ2T STMICROELECTRONICS-TSB582IYQ2T Datasheet
1Mb / 34P
   200 mA output current with thermal shutdown and output current limiter, 3.1 MHz,36 V, BiCMOS dual operational amplifier
Rev 2 - August 2022
More results

Similar Description - TSB58U

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TSB LITTELFUSE-TSB Datasheet
563Kb / 2P
   Time Delay Relays / TSB SERIES
2019 Rev: 121119
logo
Lapp.
19114000 LAPP-19114000 Datasheet
128Kb / 2P
   EPIC® H-B 24 TSB
17.09.2018
logo
Inventronics Inc.
DS-ESD-480SXXXDT INVENTRONICS-DS-ESD-480SXXXDT Datasheet
880Kb / 14P
   480W Programmable IP67 Driver
Rev. D
logo
ETA-USA
AOFD480 ETA-USA-AOFD480 Datasheet
1Mb / 2P
   480W Din Rail Mount
logo
Inventronics Inc.
DS-ESD-480SXXXDV INVENTRONICS-DS-ESD-480SXXXDV Datasheet
711Kb / 13P
   480W Programmable IP67 Driver
Rev. B
logo
Weidmuller
2838490000 WEIDMULLER-2838490000 Datasheet
745Kb / 5P
   PRO BAS 480W 48V 10A
logo
PHOENIX CONTACT
107888 PHOENIX-107888 Datasheet
815Kb / 28P
   UNO2-PS/1AC/24DC/480W
2020-02-14
logo
Weidmuller
2838480000 WEIDMULLER-2838480000 Datasheet
744Kb / 5P
   PRO BAS 480W 24V 20A
logo
PULS GmbH
CP20.241 PULS-CP20.241_18 Datasheet
1Mb / 32P
   24V, 20A, 480W, SINGLE PHASE
CP20.241-R1 PULS-CP20.241-R1_18 Datasheet
840Kb / 33P
   24V, 20A, 480W, SINGLE PHASE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com