Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ30A Datasheet(PDF) 3 Page - StarHope

Part # SMBJ30A
Description  Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SMBJ30A Datasheet(HTML) 3 Page - StarHope

  SMBJ30A Datasheet HTML 1Page - StarHope SMBJ30A Datasheet HTML 2Page - StarHope SMBJ30A Datasheet HTML 3Page - StarHope SMBJ30A Datasheet HTML 4Page - StarHope SMBJ30A Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 3 of 5
SMBJ30A
SMBJ33A
SMBJ36A
SMBJ40A
SMBJ43A
SMBJ45A
SMBJ48A
SMBJ51A
SMBJ54A
SMBJ58A
SMBJ60A
SMBJ64A
SMBJ70A
SMBJ75A
SMBJ78A
SMBJ85A
SMBJ90A
SMBJ100A
SMBJ110A
SMBJ120A
SMBJ130A
SMBJ150A
SMBJ160A
SMBJ170A
SMBJ180A
SMBJ200A
SMBJ220A
SMBJ250A
SMBJ300A
SMBJ350A
SMBJ400A
SMBJ440A
SMBJ
Part Number
Device
Marking Code
Reverse
Stand-Off
Voltage
V
(V)
RWM
Breakdown
Voltage
@IT
V
(V)Min.
BR
Breakdown
Voltage
@IT
V
(V)Max.
BR
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
I(
A)
R
UNI-Polar
UNI
BI-Polar
BI
MK
MM
MP
MR
MT
MV
MX
MZ
NE
NG
NK
NM
NP
NR
NT
NV
NX
NZ
PE
PG
PK
PM
PP
PR
PT
PV
PX
PZ
QE
QG
QK
QM
30.0
33.0
36.0
40.0
43.0
45.0
48.0
51.0
54.0
58.0
60.0
64.0
70.0
75.0
78.0
85.0
90.0
100.0
110.0
120.0
130.0
150.0
160.0
170.0
180.0
200.0
220.0
250.0
300.0
350.0
400.0
440.0
33.30
36.70
40.00
44.40
47.80
50.00
53.30
56.70
60.00
64.40
66.70
71.10
77.80
83.30
86.70
94.40
100.00
111.00
122.00
133.00
144.00
167.00
178.00
189.00
201.00
224.00
246.00
279.00
335.00
391.00
447.00
492.00
36.80
40.60
44.20
49.10
52.80
55.30
58.90
62.70
66.30
71.20
73.70
78.60
86.00
92.10
95.80
104.00
111.00
123.00
135.00
147.00
159.00
185.00
197.00
209.00
222.00
247.00
272.00
309.00
371.00
432.00
494.00
543.00
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
48.4
53.3
58.1
64.5
69.4
72.7
77.4
82.4
87.1
93.6
96.8
103.0
113.0
121.0
126.0
137.0
146.0
162.0
177.0
193.0
209.0
243.0
259.0
275.0
292.0
324.0
356.0
405.0
486.0
567.0
648.0
713.0
12.4
11.3
10.4
9.3
8.7
8.3
7.8
7.3
6.9
6.5
6.2
5.9
5.3
5.0
4.8
4.4
4.1
3.7
3.4
3.1
2.9
2.5
2.3
2.2
2.1
1.9
1.7
1.5
1.3
1.1
0.9
0.9
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
SMBJ30CA
SMBJ33CA
SMBJ36CA
SMBJ40CA
SMBJ43CA
SMBJ45CA
SMBJ48CA
SMBJ51CA
SMBJ54CA
SMBJ58CA
SMBJ60CA
SMBJ64CA
SMBJ70CA
SMBJ75CA
SMBJ78CA
SMBJ85CA
SMBJ90CA
SMBJ100CA
SMBJ110CA
SMBJ120CA
SMBJ130CA
SMBJ150CA
SMBJ160CA
SMBJ170CA
SMBJ180CA
SMBJ200CA
SMBJ220CA
SMBJ250CA
SMBJ300CA
SMBJ350CA
SMBJ400CA
SMBJ440CA
CK
CM
CP
CR
CT
CV
CX
CZ
DE
DG
DK
DM
DP
DR
DT
DV
DX
DZ
EE
EG
EK
EM
EP
ER
ET
EV
EX
EZ
FE
FG
FK
FM
Electrical Characteristics
TABLE1
“ ”Stand for commonly used models
*
Notes :
1.For bidirectional type having V
of 10 volts and less, the I limit is double
RWM
R
For parts with A , the V
is ± 5%
2.
BR
SMBJ(600W) Series
*
*
*
*
*
*
*
REV 2016 08 10
μ


Similar Part No. - SMBJ30A

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SMBJ30A DIOTECH-SMBJ30A Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ30A LUGUANG-SMBJ30A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
PACELEADER INDUSTRIAL
SMBJ30A PACELEADER-SMBJ30A Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Gude Electronic D...
SMBJ30A JGD-SMBJ30A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ30A SOCAY-SMBJ30A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMBJ30A

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
TVS-TECB SPSEMI-TVS-TECB Datasheet
162Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
Yea Shin Technology Co....
P4SMAJ5.0 YEASHIN-P4SMAJ5.0 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
logo
StarHope
SMCJ SPSEMI-SMCJ Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com