Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ33A Datasheet(PDF) 4 Page - StarHope

Part # SMAJ33A
Description  Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SMAJ33A Datasheet(HTML) 4 Page - StarHope

  SMAJ33A Datasheet HTML 1Page - StarHope SMAJ33A Datasheet HTML 2Page - StarHope SMAJ33A Datasheet HTML 3Page - StarHope SMAJ33A Datasheet HTML 4Page - StarHope SMAJ33A Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 4 of 5
Characteristic Curves (TA=25
unless otherwise noted)
SMAJ(400W) Series
Fig.1 Peak Pulse Power Rating
Fig.2 Pulse Derating Cruve
Fig.3 Pulse Waveform
Fig.4 Typical Junction Capacitance
0
0
1.0
2.0
4.0
3.0
10/1000 sec Waveform
μ.
as defined by R.E.A
Half Value
IPPM
2
tr=10uS
Peak Value
IPPM
T=25
J
Pulse width(td) is defined
ad the Point where the Peak
Current Decays to 50% of IPPM
50
100
150
t-Time(mS)
td
025
50
75
100 125 150 175 200
0
25
50
75
100
T -Ambient Temperature(
)
A
0.2
0.2"(5.0
5.0mm)
××
Copper Pad Areas
1
10
100
10
100
1000
10000
V
-Reverse Stand-off Voltage(V)
WM
Bi-Directional
Uni-Directional
TJ=25
f=1.0MHZ
Vsig=50mVp-p
Measured at
Stand-off
Voltage,VWM
200
0.1
μs
10
μs
10ms
0.1
10
100
td - Pulse Width (sec.)
1
1.0
μs
100
μs 1.0ms
Fig.5 Typ.Transient Thermal Impedance
Fig.6 Maximum Non-Repetitive Peak
Forward Surge Current Uni-Directional Only
1
10
100
10
50
100
200
Number of Cycles at 60HZ
0.001
1
0.1
1
1000
10
10
100
1000
tp-Pulse Duration(sec)
0.01
100
T=Tmax
JJ
8.3mS single half sine-wave
(JEDEC Method)
5
50
REV 2016 08 10
Non-repetitive pulse
waveform shown in
Fig.3 TA = 25°C


Similar Part No. - SMAJ33A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMAJ33A LITTELFUSE-SMAJ33A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Shenzhen Luguang Electr...
SMAJ33A LUGUANG-SMAJ33A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
SMAJ33A LUGUANG-SMAJ33A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
Revision:20170301-P1
logo
Jinan Gude Electronic D...
SMAJ33A JGD-SMAJ33A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Cystech Electonics Corp...
SMAJ33A CYSTEKEC-SMAJ33A Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMAJ33A

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P4SMAJ5.0 YEASHIN-P4SMAJ5.0 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
logo
StarHope
TVS-TECB SPSEMI-TVS-TECB Datasheet
162Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMCJ SPSEMI-SMCJ Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com