Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ16A Datasheet(PDF) 1 Page - StarHope

Part # SMCJ16A
Description  Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SMCJ16A Datasheet(HTML) 1 Page - StarHope

  SMCJ16A Datasheet HTML 1Page - StarHope SMCJ16A Datasheet HTML 2Page - StarHope SMCJ16A Datasheet HTML 3Page - StarHope SMCJ16A Datasheet HTML 4Page - StarHope SMCJ16A Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 1 of 5
Surface Mount Transient Voltage Suppressor
Stand-Off Voltage - 5.0 to 440 Volts
1500 Watt Peak Pulse Power
Features
For surface mounted applications in order to optimize board space
Low profile package
Built-in strain relief
Glass passivated junction
Low inductance
Excellent clamping capability
Repetition Rate (duty cycle):0.05%
Fast response time: typically less than 1.0ps from 0 Volts to V(BR)
for unidirectional types
Typical IR less than 1µA above 10V
High Temperature solderting: 260°C/10 seconds at terminals
Plastic package has Underwriters Laboratory Flammability 94V-O
Pb-free plated
SMCJ(1500W) Series
Mechanical Data
Devices For Bipolar Application
For Bidirectional use C or CA Suffix for types SMCJ5.0 thru types SMCJ170 (e.g. SMCJ5.0C , SMCJ170CA)
Electrical characteristics apply in both directions
Maximum Ratings And Characteristics
Ratings at 25
ambient temperature unless otherwise specified.
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25
per Fig. 2 .
2.Mounted on 8.0mm x 8.0mm Copper Pads to each terminal
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
Peak Pulse Power Dissipation on 10/1000µs waveform
(Note 1,2 ,FIG.1)
Peak Pulse Current of on 10/1000µs waveform (Note 1,FIG.3)
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note2,3)
Operating junction and Storage Temperature Range
RATING
SYMBOL
VALUE
UNITS
PPPM
IPPM
IFSM
T, T
JSTG
Minimum
1500
SEE
TABLE 1
-55 to
+150
200
Watts
Amps
Amps
Case: JEDEC DO-214AB. Molded plastic over glass passivated junction
Terminals: Solderable per MIL-STD-750,Method 2026
Polarity: Color band denoted positive end (cathode) except Bidirectional
16mm tape (EIA STD RS-481)
Standard Packaging:
0.007ounce,0.21gram
Weight:
AEC-Q101
REV 2016 08 10


Similar Part No. - SMCJ16A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ16A MCC-SMCJ16A Datasheet
232Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Shanghai Leiditech Elec...
SMCJ16A LEIDITECH-SMCJ16A Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
logo
Dc Components
SMCJ16A DCCOM-SMCJ16A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMCJ16A MCC-SMCJ16A Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Vishay Siliconix
SMCJ16A VISHAY-SMCJ16A Datasheet
98Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Mar-12
More results

Similar Description - SMCJ16A

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-TECB SPSEMI-TVS-TECB Datasheet
162Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
logo
Pan Jit International I...
15SMCJ PANJIT-15SMCJ Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
StarHope
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
Yea Shin Technology Co....
P4SMAJ5.0 YEASHIN-P4SMAJ5.0 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com