Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMDJ110A Datasheet(PDF) 3 Page - StarHope

Part # 5.0SMDJ110A
Description  Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 11 to 170 Volts 5000 Watt Peak Pulse Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

5.0SMDJ110A Datasheet(HTML) 3 Page - StarHope

  5.0SMDJ110A Datasheet HTML 1Page - StarHope 5.0SMDJ110A Datasheet HTML 2Page - StarHope 5.0SMDJ110A Datasheet HTML 3Page - StarHope 5.0SMDJ110A Datasheet HTML 4Page - StarHope 5.0SMDJ110A Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 3 of 5
5.0SMDJ58A
5.0SMDJ60A
5.0SMDJ64A
5.0SMDJ70A
5.0SMDJ75A
5.0SMDJ78A
5.0SMDJ85A
5.0SMDJ90A
5.0SMDJ100A
5.0SMDJ110A
5.0SMDJ120A
5.0SMDJ130A
5.0SMDJ150A
5.0SMDJ160A
5.0SMDJ170A
5.0SMDJ
Part Number
Device
Marking Code
Reverse
Stand-Off
Voltage
V
(V)
RWM
Breakdown
Voltage
@IT
V
(V)Min.
BR
Breakdown
Voltage
@IT
V
(V)Max.
BR
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
I(
A)
R
UNI-Polar
UNI
BI-Polar
BI
5PGG
5PGK
5PGM
5PGP
5PGR
5PGT
5PGV
5PGX
5PGZ
5PHE
5PHG
5PHK
5PHM
5PHP
5PHR
58.0
60.0
64.0
70.0
75.0
78.0
85.0
90.0
100.0
110.0
120.0
130.0
150.0
160.0
170.0
64.40
66.70
71.10
77.80
83.30
86.70
94.40
100.00
111.00
122.00
133.00
144.00
167.00
178.00
189.00
71.20
73.70
78.60
86.00
92.10
95.80
104.00
111.00
123.00
135.00
147.00
159.00
185.00
197.00
209.00
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
93.6
96.8
103.0
113.0
121.0
126.0
137.0
146.0
162.0
177.0
193.0
209.0
243.0
259.0
275.0
53.50
51.70
48.60
44.30
41.40
39.70
36.50
34.30
30.90
28.30
26.00
24.00
20.60
19.30
18.20
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
Electrical Characteristics
TABLE1
“ ”Stand for commonly used models
*
Notes :
For bidirectional type having V
of 10 volts and less, the I limit is double
RWM
R
Characteristic Curves (TA=25
unless otherwise noted)
Fig.1 Peak Pulse Power Rating
Fig.2 Pulse Derating Cruve
025
50
75
100 125 150 175 200
0
25
50
75
100
T -Ambient Temperature(
)
A
0.31
0.31"(8.0
8.0mm)
××
Copper Pad Areas
0.1
μs
10
μs
10ms
0.1
100
1000
td - Pulse Width (sec.)
10
1.0
μs
100
μs 1.0ms
1
5.0SMDJ(5000W) Series
REV 2016 08 10
μ
5.0SMDJ58
CA
5
DGG


Similar Part No. - 5.0SMDJ110A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
5.0SMDJ110A MDE-5.0SMDJ110A Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
5.0SMDJ110A LITTELFUSE-5.0SMDJ110A Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
HuaXinAn Electronics CO...
5.0SMDJ110A HUAXINAN-5.0SMDJ110A Datasheet
468Kb / 5P
   5000W Transient Voltage Suppressors
logo
Littelfuse
5.0SMDJ110A LITTELFUSE-5.0SMDJ110A Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
Goodwork Semiconductor ...
5.0SMDJ110A GWSEMI-5.0SMDJ110A Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 5.0SMDJ110A

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-TECC SPSEMI-TVS-TECC Datasheet
148Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 170 Volts 1000 Watt Peak Pulse Power
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
logo
Micro Commercial Compon...
50SMLJ11A MCC-50SMLJ11A_09 Datasheet
137Kb / 4P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ24A-TP MCC-5.0SMLJ24A-TP Datasheet
337Kb / 5P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ11A MCC-5.0SMLJ11A Datasheet
83Kb / 4P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ11A MCC-5.0SMLJ11A_11 Datasheet
1Mb / 4P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
logo
StarHope
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com