Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TECB12A Datasheet(PDF) 2 Page - StarHope

Part # TECB12A
Description  Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 600 Watt Peak Pulse Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TECB12A Datasheet(HTML) 2 Page - StarHope

  TECB12A Datasheet HTML 1Page - StarHope TECB12A Datasheet HTML 2Page - StarHope TECB12A Datasheet HTML 3Page - StarHope TECB12A Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPSEMI
www.spsemi.cn
Page 2 of 4
Dimensions (DO-214AC)
Electrical Characteristics
TECB(600W) Series
Cathode Band
0.065 1.65
()
0.049 1.25
()
0.185(4.70)
0.157(3.99)
0.112(2.85)
0.094(2.40)
0.090(2.29)
0.078(1.98)
0.208 5.28
()
0.185 4.70
()
0.012 0.305
()
0.006 0.152
()
0.060 1.52
()
0.030 0.76
()
DO-214AC(SMA J-Bend)
Dimensions in inches and(millimeters)
0.008(0.203)MAX.
TECB6.0A
TECB8.0A
TECB12A
TECB15A
TECB16A
TECB20A
TECB22A
TECB26A
TECB28A
TECB30A
TECB33A
TECB36A
TECB40A
TECB58A
TECB60A
TECB150A
TECB170A
TECB440A
TECB
Part Number
Device
Marking Code
Reverse
Stand-Off
Voltage
V
(V)
RWM
V
(V)Min.
BR
V
(V)Max.
BR
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
I(
A)
R
μ
UNI-Polar
UNI
BI-Polar
BI
6G
8G
12G
15G
16G
20G
22G
26G
28G
30G
33G
36G
40G
58G
60G
150G
170G
440G
6F
8F
12F
15F
16F
20F
22F
26F
28F
30F
33F
36F
40F
58F
60F
150F
170F
440F
6.0
8.0
12.0
15.0
16.0
20.0
22.0
26.0
28.0
30.0
33.0
36.0
40.0
58.0
60.0
150.0
170.0
440.0
6.67
8.89
13.30
16.70
17.80
22.20
24.40
28.90
31.10
33.30
36.70
40.00
44.40
64.40
66.70
167.00
189.00
492.00
7.37
9.83
14.70
18.50
19.70
24.50
26.90
31.90
34.40
36.80
40.60
44.20
49.10
71.20
73.70
185.00
209.00
5
43.00
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
10.3
13.6
19.9
24.4
26.0
32.4
35.5
42.1
45.4
48.4
53.3
58.1
64.5
93.6
96.8
243.0
275.0
713.0
70.0
52.9
36.2
29.5
27.7
22.2
20.3
17.0
15.9
14.9
13.5
12.4
11.2
7.7
7.4
3.0
2.6
1.0
100
50
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Breakdown
Voltage
@IT
TECB6.0CA
TECB8.0CA
TECB12CA
TECB15CA
TECB16CA
TECB20CA
TECB22CA
TECB26CA
TECB28CA
TECB30CA
TECB33CA
TECB36CA
TECB40CA
TECB58CA
TECB60CA
TECB150CA
TECB170CA
TECB440CA
For bidirectional type having V
of 10 volts and less, the I limit is double.
WRM
R
For parts with A , the V
is ±5%
BR
TABLE1
REV 2017
..03 01
.


Similar Part No. - TECB12A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEC-4A ETC2-TEC-4A Datasheet
131Kb / 8P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-4A-3V-XX ETC2-TEC-4A-3V-XX Datasheet
131Kb / 8P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-4A-5V-XX ETC2-TEC-4A-5V-XX Datasheet
131Kb / 8P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-A1-3V-XX-D ETC2-TEC-A1-3V-XX-D Datasheet
297Kb / 9P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-A1-3V-XX-S ETC2-TEC-A1-3V-XX-S Datasheet
297Kb / 9P
   HIGH EFFICIENCY TEC CONTROLLER
More results

Similar Description - TECB12A

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-TECC SPSEMI-TVS-TECC Datasheet
148Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 170 Volts 1000 Watt Peak Pulse Power
TVS-TECD SPSEMI-TVS-TECD Datasheet
131Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 60 Volts 2000 Watt Peak Pulse Power
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
TVS-5SMDJ SPSEMI-TVS-5SMDJ Datasheet
161Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 11 to 170 Volts 5000 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P4SMAJ5.0 YEASHIN-P4SMAJ5.0 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com