Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE22A Datasheet(PDF) 2 Page - StarHope

Part # P4KE22A
Description  Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 550 Volts 400 Watt Peak Power/1.0Watt Steady State
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

P4KE22A Datasheet(HTML) 2 Page - StarHope

  P4KE22A Datasheet HTML 1Page - StarHope P4KE22A Datasheet HTML 2Page - StarHope P4KE22A Datasheet HTML 3Page - StarHope P4KE22A Datasheet HTML 4Page - StarHope P4KE22A Datasheet HTML 5Page - StarHope P4KE22A Datasheet HTML 6Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPSEMI
www.spsemi.cn
Page 2 of
6
Dimensions (DO-41)
DO-204AL(DO-41)
Dimensions in inches and(millimeters)
1.0 25.4
()
MIN.
0.205 5.2
()
0.160 4.1
()
1.0 25.4
()
MIN.
0.034 0.86
()
0.028 0.71
()
0.107 2 7
(.)
0.080 2 0
(.)
DIA.
P4KE(400W) Series
DIA.
P4KE6.8A
P4KE7.5A
P4KE8.2A
P4KE9.1A
P4KE10A
P4KE11A
P4KE12A
P4KE13A
P4KE15A
P4KE16A
P4KE18A
P4KE20A
P4KE22A
P4KE24A
P4KE27A
P4KE30A
P4KE33A
P4KE36A
P4KE39A
P4KE43A
P4KE47A
P4KE51A
P4KE
Part Number
Reverse
Stand-Off
Voltage
V
(V)
RWM
Breakdown
Voltage
@IT
V
(V)Min.
BR
Breakdown
Voltage
@IT
V
(V)Max.
BR
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
I(
A)
R
UNI-Polar
BI-Polar
*
Electrical Characteristics
TABLE1
“ ”Stand for commonly used models
*
P4KE6.8CA
P4KE7.5CA
P4KE8.2CA
P4KE9.1CA
P4KE10CA
P4KE11CA
P4KE12CA
P4KE13CA
P4KE15CA
P4KE16CA
P4KE18CA
P4KE20CA
P4KE22CA
P4KE24CA
P4KE27CA
P4KE30CA
P4KE33CA
P4KE36CA
P4KE39CA
P4KE43CA
P4KE47CA
P4KE51CA
5.80
6.40
7.02
7.78
8.55
9.40
10.20
11.10
12.80
13.60
15.30
17.10
18.80
20.50
23.10
25.60
28.20
30.80
33.30
36.80
40.20
43.60
6.45
7.13
7.79
8.65
9.50
10.50
11.40
12.40
14.30
15.20
17.10
19.00
20.90
22.80
25.70
28.50
31.40
34.20
37.10
40.90
44.70
48.50
7.14
7.88
8.61
9.55
10.50
11.60
12.60
13.70
15.80
16.80
18.90
21.00
23.10
25.20
28.40
31.50
34.70
37.80
41.00
45.20
49.40
53.60
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
10.5
11.3
12.1
13.4
14.5
15.6
16.7
18.2
21.2
22.5
25.5
27.7
30.6
33.2
37.5
41.4
45.7
49.9
53.9
59.3
64.8
70.1
39.00
36.30
33.90
30.60
28.30
26.30
24.60
22.50
19.30
18.20
16.10
14.80
13.40
12.30
10.90
9.90
9.00
8.20
7.60
6.90
6.30
5.80
600
400
200
50
10
5
5
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Notes :
1.For bidirectional type having V
of 10 volts and less, the I limit is double
RWM
R
For parts with A , the V
is ± 5%
2.
BR
..
.
μ
REV 2016 08 10


Similar Part No. - P4KE22A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
P4KE22A SY-P4KE22A Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
RFE international
P4KE22A RFE-P4KE22A Datasheet
333Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
logo
Pan Jit International I...
P4KE22A PANJIT-P4KE22A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Zowie Technology Corpor...
P4KE22A ZOWIE-P4KE22A Datasheet
180Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
P4KE22A RUILON-P4KE22A Datasheet
891Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P4KE22A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE PANJIT-P4KE Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
StarHope
TVS-1KE SPSEMI-TVS-1KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 6.8 to 550 Volts 1500 Watt Peak Pulse Power/6.5 Watt Steady State
logo
DB Lectro Inc
1.5KE DBLECTRO-1.5KE Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
StarHope
TVS-P6KE SPSEMI-TVS-P6KE Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 600 Volts 600 Watt Peak Power/5.0Watt Steady State
logo
Pan Jit International I...
P6KE PANJIT-P6KE Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
DB Lectro Inc
BZW04 DBLECTRO-BZW04 Datasheet
195Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 440 Volts 400 Watts Peak 1.0 Watt Steady Stae
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
StarHope
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Leshan Radio Company
P6KE6 LRC-P6KE6 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
Micro Commercial Compon...
SMAJP4KE6.8A MCC-SMAJP4KE6.8A Datasheet
301Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 400 Watt
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com