Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SACB12 Datasheet(PDF) 2 Page - StarHope

Part # SACB12
Description  Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SACB12 Datasheet(HTML) 2 Page - StarHope

  SACB12 Datasheet HTML 1Page - StarHope SACB12 Datasheet HTML 2Page - StarHope SACB12 Datasheet HTML 3Page - StarHope SACB12 Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 2 of 4
Dimensions (DO-214AA)
SACB5.0
SACB6.0
SACB7.0
SACB8.0
SACB8.5
SACB10
SACB12
SACB15
SACB18
SACB22
SACB26
SACB30
SACB36
SACB45
SACB50
Electrical Characteristics
TABLE1
“ ”Stand for commonly used models
*
SKE
SKG
SKM
SKR
SKT
SKX
SLE
SLM
SLT
SLX
SME
SMK
SMP
SMV
SMZ
DO-214AA(SMB J-Bend)
Dimensions in inches and(millimeters)
SACB(500W) Series
SACB
Part
Number
Device
Marking
Code
Stand-Off
Voltage
V
(V)
RWM
Minimum
Breakdown
Voltage
at I =1.0mA
T
Maximum
Reverse
Leakage
at VWM
Maximum
Clamping
Voltage
at I
=5.0A
PP
Maximum
Peak Pulse
Current
Per FIG.3
Maximum
Junction
Capacitance
at 0 Volts
Working
Inverse
Blocking
Voltage
Inverse
Blocking
Leakage
Current
Peak
Inverse
Blocking
Voltage
V
(V)
BR
I(uA)
R
V (V)
C
I
(A)
PP
C(pF)
J
V
(V)
WIB
I (mA)
IB
V(V)
PIB
5.0
6.0
7.0
8.0
8.5
10.0
12.0
15.0
18.0
22.0
26.0
30.0
36.0
45.0
50.0
7.6
7.9
8.33
8.89
9.44
11.10
13.30
16.70
20.00
24.40
28.90
33.30
40.00
50.00
55.50
300
300
300
100
50
5
5
5
5
5
5
5
5
5
5
10.0
11.2
12.6
13.4
14.0
16.3
19.0
23.6
28.8
35.4
42.3
48.6
60.0
77.0
88.0
44.0
41.0
38.0
36.0
34.0
29.0
25.0
20.0
15.0
14.0
11.1
10.0
8.6
6.8
5.8
45
45
45
45
45
45
45
45
45
45
45
45
45
45
45
75
75
75
75
75
75
75
75
75
75
75
75
75
150
150
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
100
100
100
100
100
100
100
100
100
100
100
100
100
200
200
*
REV 2016 08 10
0.086 2.20
()
0.073 1.85
()
0.193(4.90)
0.160(4.06)
0.155(3.94)
0.130(3.30)
Cathode Band
0.098(2.50)
0.083(2.10)
0.220 5.59
()
0.205 5.21
()
0.012 0.305
()
0.006 0.152
()
0.060 1.52
()
0.030 0.76
()
0.012(0.3)MAX.


Similar Part No. - SACB12

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SACB12 LITTELFUSE-SACB12 Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
SACB12 LITTELFUSE-SACB12 Datasheet
3Mb / 146P
   TVS Diode Products
logo
Socay Electornics Co., ...
SACB12 SOCAY-SACB12 Datasheet
325Kb / 4P
   Surface Mount Transient Voltage Suppressors
SACB12 SOCAY-SACB12 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
PACELEADER INDUSTRIAL
SACB12 PACELEADER-SACB12 Datasheet
306Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SACB12

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-SAC SPSEMI-TVS-SAC Datasheet
282Kb / 4P
   Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
logo
MDE Semiconductor, Inc.
HSMBJSAC MDE-HSMBJSAC Datasheet
130Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE- 5.0 TO 50 Volts 500 Watt Peak Pulse Power
logo
StarHope
SAC SPSEMI-SAC Datasheet
284Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-5.0 TO 50 Volts
TVS-SA SPSEMI-TVS-SA Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
TVS-5KP SPSEMI-TVS-5KP Datasheet
326Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 250 Volts 5000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com