Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA4998H Datasheet(PDF) 31 Page - NXP Semiconductors

Part # SAA4998H
Description  Field and line rate converter with noise reduction and embedded memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA4998H Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button SAA4998H Datasheet HTML 27Page - NXP Semiconductors SAA4998H Datasheet HTML 28Page - NXP Semiconductors SAA4998H Datasheet HTML 29Page - NXP Semiconductors SAA4998H Datasheet HTML 30Page - NXP Semiconductors SAA4998H Datasheet HTML 31Page - NXP Semiconductors SAA4998H Datasheet HTML 32Page - NXP Semiconductors SAA4998H Datasheet HTML 33Page - NXP Semiconductors SAA4998H Datasheet HTML 34Page - NXP Semiconductors SAA4998H Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
2004 Feb 18
31
Philips Semiconductors
Product specification
Field and line rate converter with noise
reduction and embedded memory
SAA4998H
Notes
1. All inputs except inputs with internal pull-up or pull-down resistor. These inputs have an absolute leakage current of
maximum 50
µA.
2. Timing characteristics are measured with CL =15pF.
3. All inputs except SNERT interface inputs, CLK32 input and BST/TEST inputs.
BST interface; see Fig.6
Tcy(BST)
BST cycle time
1
−µs
tsu(i)(BST)
input set-up time
3
−−
ns
th(i)(BST)
input hold time
6
−−
ns
th(o)(BST)
output hold time
4
−−
ns
td(o)(BST)
output delay
−−
30
ns
SNERT interface; see Fig.7
tSNRST(H)
SNRST pulse HIGH time
500
−−
ns
td(SNRST-SNCL) delay SNRST pulse to SNCL LOW
time
200
−−
ns
Tcy(SNCL)
SNCL cycle time
0.5
1
µs
tsu(i)(SNCL)
input set-up time to SNCL
53
−−
ns
th(i)(SNCL)
input hold time to SNCL
10
−−
ns
th(o)
output hold time
30
−−
ns
td(o)
output delay
−−
330
ns
to(en)
output enable time
210
−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
stable power supply
RST
coc003
CLK32
≥10 cycles of CLK32
Fig.4 Timing for RST input.


Similar Part No. - SAA4998H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4990 PHILIPS-SAA4990 Datasheet
193Kb / 28P
   Progressive scan-Zoom and Noise reduction IC PROZONIC
1996 Oct 25
SAA4990H PHILIPS-SAA4990H Datasheet
193Kb / 28P
   Progressive scan-Zoom and Noise reduction IC PROZONIC
1996 Oct 25
SAA4992 PHILIPS-SAA4992 Datasheet
131Kb / 36P
   Field and line rate converter with noise reduction
2000 Feb 04
SAA4992H PHILIPS-SAA4992H Datasheet
131Kb / 36P
   Field and line rate converter with noise reduction
2000 Feb 04
SAA4993H PHILIPS-SAA4993H Datasheet
148Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
More results

Similar Description - SAA4998H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4994H PHILIPS-SAA4994H Datasheet
147Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
SAA4993H PHILIPS-SAA4993H Datasheet
148Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
SAA4992H PHILIPS-SAA4992H Datasheet
131Kb / 36P
   Field and line rate converter with noise reduction
2000 Feb 04
SAA4979H PHILIPS-SAA4979H Datasheet
224Kb / 52P
   Sample rate converter with embedded high quality dynamic noise reduction and expansion port
2002 May 28
logo
OKI electronic componet...
ML87V2104 OKI-ML87V2104 Datasheet
126Kb / 13P
   Video Signal Noise Reduction and Field Rate Conversion IC with a Built-in 4M Bit Field Memory
ML87V2103 OKI-ML87V2103 Datasheet
127Kb / 14P
   Video Signal Noise Reduction and Rate Conversion IC with a Built-in 3.9 Mbit Field Memory
logo
NXP Semiconductors
SAA4956TJ PHILIPS-SAA4956TJ Datasheet
243Kb / 36P
   2.9-Mbit field memory with noise reduction
1998 Dec 08
SAA4945H PHILIPS-SAA4945H Datasheet
116Kb / 20P
   LIne MEmory noise Reduction IC LIMERIC
1997 Jun 10
logo
List of Unclassifed Man...
IS1800HG ETC2-IS1800HG Datasheet
519Kb / 4P
   Isolation Transformer - Medical Grade line noise reduction and spike suppression
IS1000HG ETC2-IS1000HG Datasheet
511Kb / 4P
   Isolation Transformer - Medical Grade line noise reduction and spike suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com