Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA4998H Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SAA4998H
Description  Field and line rate converter with noise reduction and embedded memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA4998H Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SAA4998H Datasheet HTML 22Page - NXP Semiconductors SAA4998H Datasheet HTML 23Page - NXP Semiconductors SAA4998H Datasheet HTML 24Page - NXP Semiconductors SAA4998H Datasheet HTML 25Page - NXP Semiconductors SAA4998H Datasheet HTML 26Page - NXP Semiconductors SAA4998H Datasheet HTML 27Page - NXP Semiconductors SAA4998H Datasheet HTML 28Page - NXP Semiconductors SAA4998H Datasheet HTML 29Page - NXP Semiconductors SAA4998H Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
PZvectorDeltaX
09D
write; F
X XXXXXXXX delta value of pan-zoom vectors
PZvectorStartY
09E
write; F
X XXXXXXXY start value of pan-zoom vectors
PZvectorDeltaY
09F
write; F
X XXXXXXXY delta value of pan-zoom vectors
Read data; note 3
GlobalMSEmsb
0A0
read; F
X XXXXXXX Global Mean Square Error (MSE) = summation within a field period of
squared differences in comparing vector shifted video from frame
memory (FM2/3) with new field input (FM1) in those lines coinciding
with new field lines. The window for the measurement is kept at
40 pixels horizontal and 20 field lines vertical from the border of the
video. Measurements is only done in fields where the de-interlacer is
active, otherwise reading is zero. In field doubling mode, MSE is zero
at the end of every new input field.
GlobalMSElsb
0A1
read; F
X XXXXXXX
GlobalMTImsb
0A2
read; F
X XXXXXXX Global Motion Trajectory Inconsistency (MTI) = summation within a
field period of squared differences comparing shifted video from frame
memory (FM2/3 output) with filtered data that is rewritten to the frame
memory (FM2/3 input) in those lines coinciding with new field lines.
The window for the measurement is kept at 40 pixels horizontal and
20 field lines vertical from the border of the video. Measurement is
done only in fields where de-interlacer is active, otherwise reading is
zero; in field doubling mode, MTI is zero at the end of every new input
field.
GlobalMTIlsb
0A3
read; F
X XXXXXXX
GlobalACTmsb
0A4
read; F
X XXXXXXX global activity (ACT) = summation over a field period of the horizontal
plus the vertical components of the vectors of all blocks
GlobalACTlsb
0A5
read; F
X XXXXXXX
VectTempCons
0A6
read; F
X XXXXXXXVector temporal consistency = summation over a field period of
absolute differences of horizontal plus vertical components of vectors
newly estimated for each block compared with those vectors
estimated in the previous run at the same spatial block position.
It should be noted that a lower figure implies better consistency.
VectSpatCons
0A7
read; F
X XXXXXXXVector spatial consistency = summation over a field period of absolute
differences of horizontal and vertical components of vectors compared
with those of the neighbour blocks (L, R, U and D); in the comparison,
all vector data is used from the previous estimator run. It should be
noted that a lower figure implies better consistency.
BlockErrCnt
0A8
read; F
X XXXXXXXburst error count (number of burst errors)
NAME
SNERT
ADDRESS
(HEX)
READ/
WRITE(1)
76543210
DESCRIPTION(2)


Similar Part No. - SAA4998H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4990 PHILIPS-SAA4990 Datasheet
193Kb / 28P
   Progressive scan-Zoom and Noise reduction IC PROZONIC
1996 Oct 25
SAA4990H PHILIPS-SAA4990H Datasheet
193Kb / 28P
   Progressive scan-Zoom and Noise reduction IC PROZONIC
1996 Oct 25
SAA4992 PHILIPS-SAA4992 Datasheet
131Kb / 36P
   Field and line rate converter with noise reduction
2000 Feb 04
SAA4992H PHILIPS-SAA4992H Datasheet
131Kb / 36P
   Field and line rate converter with noise reduction
2000 Feb 04
SAA4993H PHILIPS-SAA4993H Datasheet
148Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
More results

Similar Description - SAA4998H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4994H PHILIPS-SAA4994H Datasheet
147Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
SAA4993H PHILIPS-SAA4993H Datasheet
148Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
SAA4992H PHILIPS-SAA4992H Datasheet
131Kb / 36P
   Field and line rate converter with noise reduction
2000 Feb 04
SAA4979H PHILIPS-SAA4979H Datasheet
224Kb / 52P
   Sample rate converter with embedded high quality dynamic noise reduction and expansion port
2002 May 28
logo
OKI electronic componet...
ML87V2104 OKI-ML87V2104 Datasheet
126Kb / 13P
   Video Signal Noise Reduction and Field Rate Conversion IC with a Built-in 4M Bit Field Memory
ML87V2103 OKI-ML87V2103 Datasheet
127Kb / 14P
   Video Signal Noise Reduction and Rate Conversion IC with a Built-in 3.9 Mbit Field Memory
logo
NXP Semiconductors
SAA4956TJ PHILIPS-SAA4956TJ Datasheet
243Kb / 36P
   2.9-Mbit field memory with noise reduction
1998 Dec 08
SAA4945H PHILIPS-SAA4945H Datasheet
116Kb / 20P
   LIne MEmory noise Reduction IC LIMERIC
1997 Jun 10
logo
List of Unclassifed Man...
IS1800HG ETC2-IS1800HG Datasheet
519Kb / 4P
   Isolation Transformer - Medical Grade line noise reduction and spike suppression
IS1000HG ETC2-IS1000HG Datasheet
511Kb / 4P
   Isolation Transformer - Medical Grade line noise reduction and spike suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com