Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA4998H Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SAA4998H
Description  Field and line rate converter with noise reduction and embedded memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA4998H Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SAA4998H Datasheet HTML 3Page - NXP Semiconductors SAA4998H Datasheet HTML 4Page - NXP Semiconductors SAA4998H Datasheet HTML 5Page - NXP Semiconductors SAA4998H Datasheet HTML 6Page - NXP Semiconductors SAA4998H Datasheet HTML 7Page - NXP Semiconductors SAA4998H Datasheet HTML 8Page - NXP Semiconductors SAA4998H Datasheet HTML 9Page - NXP Semiconductors SAA4998H Datasheet HTML 10Page - NXP Semiconductors SAA4998H Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
2004 Feb 18
7
Philips Semiconductors
Product specification
Field and line rate converter with noise
reduction and embedded memory
SAA4998H
6
PINNING
SYMBOL
PIN
TYPE
DESCRIPTION(1)(2)(3)
YG5/DPIP5
1
output/input
PIP mode disabled: bus G luminance output bit 5;
PIP mode enabled: PIP data input bit 5
YG4/DPIP4
2
output/input
PIP mode disabled: bus G luminance output bit 4;
PIP mode enabled: PIP data input bit 4
VDDE
3
supply
supply voltage of output pads (3.3 V)
VSSE
4
ground
ground of output pads
YG3/DPIP3
5
output/input
PIP mode disabled: bus G luminance output bit 3;
PIP mode enabled: PIP data input bit 3
YG2/DPIP2
6
output/input
PIP mode disabled: bus G luminance output bit 2;
PIP mode enabled: PIP data input bit 2
YG1/DPIP1
7
output/input
PIP mode disabled: bus G luminance output bit 1;
PIP mode enabled: PIP data input bit 1
YG0/DPIP0
8
output/input
PIP mode disabled: bus G luminance output bit 0 (LSB);
PIP mode enabled: PIP data input bit 0 (LSB)
UVG7/QPIP7
9
output
PIP mode disabled: bus G chrominance output bit 7 (MSB);
PIP mode enabled: PIP data output bit 7 (MSB)
UVG6/QPIP6
10
output
PIP mode disabled: bus G chrominance output bit 6;
PIP mode enabled: PIP data output bit 6
UVG5/QPIP5
11
output
PIP mode disabled: bus G chrominance output bit 5;
PIP mode enabled: PIP data output bit 5
UVG4/QPIP4
12
output
PIP mode disabled: bus G chrominance output bit 4;
PIP mode enabled: PIP data output bit 4
UVG3/QPIP3
13
output
PIP mode disabled: bus G chrominance output bit 3;
PIP mode enabled: PIP data output bit 3
n.c./LLC
14
input
PIP mode disabled: not connected;
PIP mode enabled: line locked clock signal for PIP mode
VSSE
15
ground
ground of output pads
n.c./SWCK2
16
input
PIP mode disabled: not connected;
PIP mode enabled: serial write clock for PIP memory
UVG2/QPIP2
17
output
PIP mode disabled: bus G chrominance output bit 2;
PIP mode enabled: PIP data output bit 2
UVG1/QPIP1
18
output
PIP mode disabled: bus G chrominance output bit 1;
PIP mode enabled: PIP data output bit 1
UVG0/QPIP0
19
output
PIP mode disabled: bus G chrominance output bit 0 (LSB);
PIP mode enabled: PIP data output bit 0 (LSB)
n.c./RSTW2
20
input
PIP mode disabled: not connected;
PIP mode enabled: write reset clock for PIP memory
n.c./OIE2
21
input
PIP mode disabled: not connected;
PIP mode enabled: output enable for PIP memory output QPIPx
n.c./IE2
22
input
PIP mode disabled: not connected;
PIP mode enabled: input enable for PIP memory
VDDP
23
supply
high supply voltage of the internal field memories (3.3 V)
n.c./WE2
24
input
PIP mode disabled: not connected;
PIP mode enabled: write enable for PIP memory


Similar Part No. - SAA4998H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4990 PHILIPS-SAA4990 Datasheet
193Kb / 28P
   Progressive scan-Zoom and Noise reduction IC PROZONIC
1996 Oct 25
SAA4990H PHILIPS-SAA4990H Datasheet
193Kb / 28P
   Progressive scan-Zoom and Noise reduction IC PROZONIC
1996 Oct 25
SAA4992 PHILIPS-SAA4992 Datasheet
131Kb / 36P
   Field and line rate converter with noise reduction
2000 Feb 04
SAA4992H PHILIPS-SAA4992H Datasheet
131Kb / 36P
   Field and line rate converter with noise reduction
2000 Feb 04
SAA4993H PHILIPS-SAA4993H Datasheet
148Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
More results

Similar Description - SAA4998H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4994H PHILIPS-SAA4994H Datasheet
147Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
SAA4993H PHILIPS-SAA4993H Datasheet
148Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
SAA4992H PHILIPS-SAA4992H Datasheet
131Kb / 36P
   Field and line rate converter with noise reduction
2000 Feb 04
SAA4979H PHILIPS-SAA4979H Datasheet
224Kb / 52P
   Sample rate converter with embedded high quality dynamic noise reduction and expansion port
2002 May 28
logo
OKI electronic componet...
ML87V2104 OKI-ML87V2104 Datasheet
126Kb / 13P
   Video Signal Noise Reduction and Field Rate Conversion IC with a Built-in 4M Bit Field Memory
ML87V2103 OKI-ML87V2103 Datasheet
127Kb / 14P
   Video Signal Noise Reduction and Rate Conversion IC with a Built-in 3.9 Mbit Field Memory
logo
NXP Semiconductors
SAA4956TJ PHILIPS-SAA4956TJ Datasheet
243Kb / 36P
   2.9-Mbit field memory with noise reduction
1998 Dec 08
SAA4945H PHILIPS-SAA4945H Datasheet
116Kb / 20P
   LIne MEmory noise Reduction IC LIMERIC
1997 Jun 10
logo
List of Unclassifed Man...
IS1800HG ETC2-IS1800HG Datasheet
519Kb / 4P
   Isolation Transformer - Medical Grade line noise reduction and spike suppression
IS1000HG ETC2-IS1000HG Datasheet
511Kb / 4P
   Isolation Transformer - Medical Grade line noise reduction and spike suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com