Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAA4998H Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. SAA4998H
Description  Field and line rate converter with noise reduction and embedded memory
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA4998H Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA4998H Datasheet HTML 1Page - NXP Semiconductors SAA4998H Datasheet HTML 2Page - NXP Semiconductors SAA4998H Datasheet HTML 3Page - NXP Semiconductors SAA4998H Datasheet HTML 4Page - NXP Semiconductors SAA4998H Datasheet HTML 5Page - NXP Semiconductors SAA4998H Datasheet HTML 6Page - NXP Semiconductors SAA4998H Datasheet HTML 7Page - NXP Semiconductors SAA4998H Datasheet HTML 8Page - NXP Semiconductors SAA4998H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
2004 Feb 18
4
Philips Semiconductors
Product specification
Field and line rate converter with noise
reduction and embedded memory
SAA4998H
2.1
Patent notice
Notice is herewith given that the subject integrated circuit
uses one or more of the following US patents and that
each of these patents may have corresponding patents in
other jurisdictions.
US 4740842, US 5929919, US 6034734, US 5534946,
US 5532750, US 5495300, US 5903680, US 5365280,
US 5148269, US 5072293, US 5771074, and
US 5302909.
2.2
Latch-up test
Latch-up test in accordance with
“Latch-up Resistance
and Maximum Ratings Test; SNW-FQ-303”; the
SAA4998H fulfils the requirements.
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDDD
core supply voltage (internal rail)
1.65
1.8
1.95
V
VDDA
analog supply voltage
VDDM
field memory supply voltage
VDDS
SRAM supply voltage
VDDE
external supply voltage (output pads)
3.0
3.3
3.6
V
VDDP
high supply voltage of internal field memories
IDD
sum of supply current
at 1.8 V supply voltage pins
180
mA
at 3.3 V supply voltage pins
6
mA
fCLK
operating clock frequency
32
33.3
MHz
Tamb
ambient temperature
0
70
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA4998H
QFP100
plastic quad flat package; 100 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT317-2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn