Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


S4242 Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part No. S4242
Description  Dual Voltage Supervisory Circuit With Watchdog Timer
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMMIT [Summit Microelectronics, Inc.]
Homepage  http://www.summitmicro.com
Logo 

 
 3 page
background image
S4242/S42WD42/S4261/S42WD61
3
2025 6.0 4/17/00
FIGURE 2. START AND STOP CONDITIONS
FIGURE 1. BUS TIMING
CAPACITANCE
TA = 25°C, f = 100KHz
Symbol
Parameter
Max
Units
CIN
Input Capacitance
5
pF
COUT
Output Capacitance
8
pF
2025 PGM T4.0
tF
tR
tLOW
tHIGH
tHD:SDA
tSU:SDA
tBUF
tDH
tHD:DAT
tSU:DAT
tSU:STO
SCL
SDA In
SDA Out
tAA
2025 Fig01 1.0
2025 Fig02 1.0
SCL
SDA In
START
Condition
STOP
Condition




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SMS2902Voltage Supervisory Circuit With Watchdog Timer 1 2 3 4 5 MoreSummit Microelectronics, Inc.
TS823Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
CAT1163Supervisory Circuit with I2C Serial CMOS EEPROM Precision Reset Controller and Watchdog Timer 1 2 3 4 5 MoreCatalyst Semiconductor
KIA8000SBIPOLAR LINEAR INTEGRATED CIRCUIT 5V VOLTAGE REGULATOR WITH WATCHDOG TIMER 1 2 3 4 5 MoreKEC(Korea Electronics)
TA8041HADUAL VOLTAGE REGULATOR WITH WATCHDOG TIMER 1 2 3 4 5 MoreToshiba Semiconductor
MB3793-37APower Voltage Monitoring IC with Watchdog Timer 1 2 3 4 5 MoreFujitsu Component Limited.
TB9000F5V VOLTAGE REGULATOR WITH WATCHDOG TIMER 1 2 3 4 5 MoreToshiba Semiconductor
BD87A28FVMVoltage Detector with Watchdog Timer 1 2 3 4 5 MoreRohm
LM3712Microprocessor Supervisory Circuits with Separate Watchdog Timer Output Power Fail Input and Manual Reset 1 2 3 4 5 MoreNational Semiconductor (TI)
ADM6821Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl