Electronic Components Datasheet Search |
|
S4242 Datasheet(PDF) 7 Page - Summit Microelectronics, Inc. |
|
S4242 Datasheet(HTML) 7 Page - Summit Microelectronics, Inc. |
7 / 16 page S4242/S42WD42/S4261/S42WD61 7 2025 6.0 4/17/00 ENDURANCE AND DATA RETENTION The S42xxx is designed for applications requiring 100,000 erase/write cycles and unlimited read cycles. It provides 100 years of secure data retention, with or without power applied, after the execution of 100,000 erase/write cycles. Reset Controller Description The S42xxx provides a precision RESET controller that ensures correct system operation during brown-out and power-up/-down conditions. It is configured with two open drain RESET outputs; pin 7 is an active high output and pin 2 is an active low output. For proper operation pin 7 should be tied low through a pull-down resistor while pin 2 should be tied high through a resistor connected to VCC. During power-up, the RESET outputs remain active until VCC reaches the VTRIP threshold and will continue driving the outputs for tPURST (200 msec)after reaching VTRIP. The RESET outputs will be valid so long as VCC is > 1.0V. During power-down, the RESET outputs will begin driving active when VCC falls below VTRIP. The RESET pins are I/Os; therefore, the S42xxx can act as a signal conditioning circuit for an externally applied reset. The inputs are edge triggered; that is, the RESET input will initiate a reset timeout after detecting a low to high transition and the RESET# input will initiate a reset timeout after detecting a high to low transition. Refer to the applications information section for more details on de- vice operation as a reset conditioning circuit. Voltage Sensor Description VSENSE is an auxiliary voltage detection circuit. Its thresh- old is set at 1.25V and it generates a VLOW# output for an under-voltage condition. Because the VLOW# output is open-drain, it can be wire-ORed with the RESET# output or tied directly to an IRQ input on a microcontroller. PIN DESCRIPTIONS Serial Clock (SCL) - The SCL input is used to clock data into and out of the device. In the WRITE mode, data must remain stable while SCL is HIGH. In the READ mode, data is clocked out on the falling edge of SCL. Serial Data (SDA) - The SDA pin is a bidirectional pin used to transfer data into and out of the device. Data may change only when SCL is LOW, except START and STOP conditions. It is an open-drain output and may be wire- ORed with any number of open-drain or open-collector outputs. RESET# - RESET# is an active low open-drain output. It should be tied high through a pull-up resistor connected to VCC. RESET# is an I/O, therefore it may also be used to condition a RESET# signal generated by another device; it can also be used to debounce a pushbutton input. RESET - RESET is an active high open drain (PFET) output. It should be tied low through a pull-down resistor connected to ground. RESET is an I/O, therefore it may also be used to condition a RESET signal generated by another device. VSENSE - The VSENSE input is used as a second voltage sensing input. The pin is tied to a comparator that uses the precision internal 1.25V reference. VLOW# - VLOW# is an active low open drain output driven low whenever VSENSE is below 1.25V. It is not a timed output and only responds to the state of VSENSE. |
Similar Part No. - S4242 |
|
Similar Description - S4242 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |