Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M52325AP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. M52325AP
Description  SECAM DECODER(LINEAR INTEGRATED CIRCUIT)
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M52325AP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
M52325AP
MITSUBISHI LINEAR INTEGRATED CIRCUIT
MITSUBISHI
SECAM DECODER
2 - 13
fref = 4.433619MHz
0.2~0.5Vp-p
4.0VDC at SECAM
1.5VDC at no SECAM
fig.2 timing waveforms
pin 15
SAND IN
pin 1
fref / IDENT
pin 9
-(R-Y) OUT
pin 10
-(B-Y) OUT
SAND IN detection level
BGP : 3.85V
HBLK : 2.0V
VBLK : 1.25V
3.85V
2.0V
1.25V
-(R-Y)
OUT
-(B-Y)
OUT
fig.1 M52325AP block diagram
PLL
TUNING
INTERFACE
PULSE
GEN.
BELL
TUNING
SECAM
SW.
GND
Vcc=8.0V
fref /
IDENT
CVBS
IN
SAND
IN
BELL
ref.
PLL
ref.
ACC
BELL
FILTER
AMP
IDENT
PLL
DE-
EMPHASIS
BANDGAP
B-Y
OUTPUT
R-Y
OUTPUT
1
2
3
4
6
7
8
9
10
13
12
5
15
16
BELL
OUT
PLL
auto1
BAND
GAP
PLL
auto2
0.1µ F
KILLER
OUT
14
11
BLACK
ADJ. R
BLACK
ADJ. B
+


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn