Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M52325AP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. M52325AP
Description  SECAM DECODER(LINEAR INTEGRATED CIRCUIT)
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M52325AP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
M52325AP
MITSUBISHI LINEAR INTEGRATED CIRCUIT
MITSUBISHI
SECAM DECODER
4 - 13
[Note to Electrical Characteristics Measurement]
This IC needs a three - level sandcastle pulse at pin 15. (see fig.4 ,fig5)
And the reference signal should be highly stable for frequency and amplitude
during the vertical blanking period.
pin16
CVBS IN
pin15
SAND IN
0
2.6
8.7
[µsec]
2.5V
over 4.3V
1.8[msec]
1.5V
2.5V
over 4.5V
fig.4 sandcastle pulse
fig.5 sandcastle pulse and fref signal
pin15
SAND
IN
pin1
fref/IDENT
fref=4.433619MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn