Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUF2221W1T2 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NUF2221W1T2
Description  USB Upstream Terminator with ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUF2221W1T2 Datasheet(HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NUF2221W1T2
http://onsemi.com
4
Figure 5. Device Description
12
3
65
4
D2(C)
D1(C)
C1
D2(i)
D1(i)
GND
RS
C1
RS
RUP
VBUS
Connection for Full- Speed and Low-Speed Devices
The USB 1.1 specification calls for two data rates:
Full-speed devices - operates in 12 Mb/s
Low-speed devices that work in 1.5 Mb/s.
The NUF2221W1T2 device can be shaped for either
full-speed or low-speed by connecting one of the data lines
(D+, D-) to a 3.3 V voltage supply through the 1.5 K
W pull
up resistor. The device’s connection diagrams for each speed
are described as follows:
Full-Speed Connection
The Pull up resistor (RUP) is connected to the D+ Line.
The terminal 5 is connected to a 3.3 V voltage supply while
the terminal 2 is connected to ground. The input of the D+
line is connected in the terminal 1 which outputs from the
terminal 6. Finally, the input of the D- line is connected in
the terminal 3 which outputs from the terminal 4. Figure 6
shows the connections of the NUF2221W1T2 device for
“Full-Speed”.
3.3 V
D+
D-
D+
D-
0
Figure 6. Full Speed Connection
1
2
3
6
5
4
C1
RS
RS
RUP
C1
Low-Speed Connection
The Pull up resistor (Rpu) is connected to the D- Line. The
terminal 5 is connected to a 3.3 V voltage supply while the
terminal 2 is connected to ground. The input of the D- line
is connected in the terminal 1 which outputs from the
terminal 6. Finally, the input of the D+ line is connected in
the terminal 3 which outputs from the terminal 4. The
Figure 7 shows the connections of the NUF2221W1T2
device for “Low-Speed”.
Figure 7. Low Speed Connection
3.3 V
D+
D-
D+
D-
0
1
2
3
6
5
4
C1
RS
RS
RUP
C1


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn