Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUF2221W1T2 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NUF2221W1T2
Description  USB Upstream Terminator with ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUF2221W1T2 Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NUF2221W1T2
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
VRWM
VBR @ 1 mA
(Volts)
IR @ 3.3 V
(nA)
Line Capacitance
Vdc = 2.5 V
f = 1 MHz
pF (Note 1)
Series Resistor
RS (W)
Pull-up Resistor
Rup (kW)
Device
VRWM
(Volts)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
NUF2221W1T2
5.25
5.6
6.8
8.0
-
10
100
37.6
42
56.4
17.6
22
26.4
1.2
1.5
1.8
1. Measured between pins 1, 3, 4, 6 and ground with pin 5 also grounded.
2. For other resistance values (e.g. 15
W, 33 W), please contact your local ON Semiconductor sales representative.
TYPICAL CHARACTERISTICS
FREQUENCY (MHz)
21.5
22.0
22.5
23.0
23.5
24.0
24.5
-20
-10
0
10
20
30
40
50
60
70
RS = Typical
TEMPERATURE (
°C)
1460
1480
1500
1520
1540
1560
1580
1600
-20
-10
0
10
20
30
40
50
60
70
RUP = Typical
TEMPERATURE (
°C)
Figure 1. Insertion Loss Characteristics
Figure 2. RS versus Temperature
Figure 3. RUP versus Temperature
-30
-25
-20
-15
-10
-5
0
0.10
1.00
10.00
100.00
1000.00
Temp = 25
°C


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn