Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F11X Datasheet(PDF) 14 Page - Texas Instruments

Part # MSP430F11X
Description  MIXED SIGNAL MICROCONTROLLER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F11X Datasheet(HTML) 14 Page - Texas Instruments

Back Button MSP430F11X Datasheet HTML 10Page - Texas Instruments MSP430F11X Datasheet HTML 11Page - Texas Instruments MSP430F11X Datasheet HTML 12Page - Texas Instruments MSP430F11X Datasheet HTML 13Page - Texas Instruments MSP430F11X Datasheet HTML 14Page - Texas Instruments MSP430F11X Datasheet HTML 15Page - Texas Instruments MSP430F11X Datasheet HTML 16Page - Texas Instruments MSP430F11X Datasheet HTML 17Page - Texas Instruments MSP430F11X Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
MSP430F11x
MIXED SIGNAL MICROCONTROLLER
SLAS256D − NOVEMBER 1999 − REVISED SEPTEMBER 2004
14
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
Schmitt-trigger inputs Port 1 to Port P2; P1.0 to P1.7, P2.0 to P2.5
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT+
Positive-going input threshold voltage
VCC = 2.2 V
1.1
1.3
V
VIT+
Positive-going input threshold voltage
VCC = 3 V
1.5
1.8
V
VIT−
Negative-going input threshold voltage
VCC = 2.2 V
0.4
0.9
V
VIT−
Negative-going input threshold voltage
VCC = 3 V
.90
1.2
V
Vhys
Input voltage hysteresis, (VIT+ − VIT−)
VCC = 2.2 V
0.3
1
V
Vhys
Input voltage hysteresis, (VIT+ − VIT−)
VCC = 3 V
0.5
1.4
V
standard inputs − RST/NMI; TCK, TMS, TDI
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Low-level input voltage
VCC = 2.2 V / 3 V
VSS
VSS+0.6
V
VIH
High-level input voltage
VCC = 2.2 V / 3 V
0.8
×VCC
VCC
V
inputs Px.x, TAx
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Port P1, P2: P1.x to P2.x, External trigger signal
2.2 V/3 V
1.5
cycle
t(int)
External interrupt timing
Port P1, P2: P1.x to P2.x, External trigger signal
for the interrupt flag, (see Note 1)
2.2 V
62
ns
t(int)
External interrupt timing
for the interrupt flag, (see Note 1)
3 V
50
ns
2.2 V/3 V
1.5
cycle
t(cap)
Timer_A, capture timing
TA0, TA1, TA2 (see Note 2)
2.2 V
62
ns
t(cap)
Timer_A, capture timing
TA0, TA1, TA2 (see Note 2)
3 V
50
ns
f(TAext)
Timer_A clock frequency
TACLK, INCLK t(H) = t(L)
2.2 V
8
MHz
f(TAext)
Timer_A clock frequency
externally applied to pin
TACLK, INCLK t(H) = t(L)
3 V
10
MHz
f(TAint)
Timer_A clock frequency
SMCLK or ACLK signal selected
2.2 V
8
MHz
f(TAint)
Timer_A clock frequency
SMCLK or ACLK signal selected
3 V
10
MHz
NOTES:
1. The external signal sets the interrupt flag every time the minimum t(int) cycle and time parameters are met. It may be set even with
trigger signals shorter than t(int). Both the cycle and timing specifications must be met to ensure the flag is set. t(int) is measured in
MCLK cycles.
2. The external capture signal triggers the capture event every time the mimimum t(cap) cycle and time parameters are met. A capture
may be triggered with capture signals even shorter than t(cap). Both the cycle and timing specifications must be met to ensure a
correct capture of the 16-bit timer value and to ensure the flag is set.
leakage current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ilkg(Px.x)
High-impedance leakage current
Port P1: P1.x, 0
≤ ×≤ 7
(see Notes 1 and 2)
VCC = 2.2 V/3 V,
±50
nA
Ilkg(Px.x)
High-impedance leakage current
Port P2: P2.x, 0
≤ ×≤ 5
(see Notes 1 and 2)
VCC = 2.2 V/3 V,
±50
nA
NOTES:
1. The leakage current is measured with VSS or VCC applied to the corresponding pin(s), unless otherwise noted.
2. The leakage of the digital port pins is measured individually. The port pin must be selected for input and there must be no optional
pullup or pulldown resistor.


Similar Part No. - MSP430F11X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F11X TI-MSP430F11X Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI1-MSP430F11X Datasheet
562Kb / 34P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI1-MSP430F11X Datasheet
1Mb / 36P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X1A TI-MSP430F11X1A Datasheet
543Kb / 36P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X1A TI-MSP430F11X1A Datasheet
876Kb / 43P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F11X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com