Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430F11X Datasheet(PDF) 1 Page - Texas Instruments

Part No. MSP430F11X
Description  MIXED SIGNAL MICROCONTROLLER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F11X Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F11X Datasheet HTML 1Page - Texas Instruments MSP430F11X Datasheet HTML 2Page - Texas Instruments MSP430F11X Datasheet HTML 3Page - Texas Instruments MSP430F11X Datasheet HTML 4Page - Texas Instruments MSP430F11X Datasheet HTML 5Page - Texas Instruments MSP430F11X Datasheet HTML 6Page - Texas Instruments MSP430F11X Datasheet HTML 7Page - Texas Instruments MSP430F11X Datasheet HTML 8Page - Texas Instruments MSP430F11X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
MSP430F11x
MIXED SIGNAL MICROCONTROLLER
SLAS256D − NOVEMBER 1999 − REVISED SEPTEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low Supply Voltage Range 1.8 V to 3.6 V
D Ultralow-Power Consumption:
− Active Mode: 200
µA at 1 MHz, 2.2 V
− Standby Mode: 0.8
µA
− Off Mode (RAM Retention): 0.1
µA
D Wake-Up From Standby Mode in less
than 6
µs
D 16-Bit RISC Architecture, 125 ns
Instruction Cycle Time
D Basic Clock Module Configurations:
− Various Internal Resistors
− Single External Resistor
− 32 kHz Crystal
− High Frequency Crystal
− Resonator
− External Clock Source
D 16-Bit Timer_A With Three
Capture/Compare Registers
D Serial Onboard Programming,
No External Programming Voltage
Needed
D Family Members Include:
MSP430F110:
1KB + 128B Flash Memory
128B RAM
MSP430F112:
4KB + 256B Flash Memory
256B RAM
D Available in a 20-Pin Plastic Small-Outline
Wide Body (SOWB) Package and 20-Pin
Plastic Thin Shrink Small-Outline Package
(TSSOP)
D For Complete Module Descriptions, Refer
to the MSP430x1xx Family User’s Guide,
Literature Number SLAU049
description
The Texas Instruments MSP430 family of ultralow power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low power
modes is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that attribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 6
µs.
The MSP430F11x series is an ultralow-power mixed signal microcontroller with a built in 16-bit timer and
fourteen I/O pins.
Typical applications include sensor systems that capture analog signals, convert them to digital values, and then
process the data and display them or transmit them to a host system. Stand alone RF sensor front-end is another
area of application.
Copyright
 1999 − 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TEST
VCC
P2.5/Rosc
VSS
XOUT/TCLK
XIN
RST/NMI
P2.0/ACLK
P2.1/INCLK
P2.2/TA0
P1.7/TA2/TDO/TDI
P1.6/TA1/TDI
P1.5/TA0/TMS
P1.4/SMCLK/TCK
P1.3/TA2
P1.2/TA1
P1.1/TA0
P1.0/TACLK
P2.4/TA2
P2.3/TA1
DW OR PW PACKAGE
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MSP430F1122 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430F1101A MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430X43X Mixed signal microcontroller 1  2  3  4  5  More Texas Instruments
MSP430X15X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430C11X1 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430FW42X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430C13X1 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430F1612 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430F42X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430FE42X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn