Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VLHW5100 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. VLHW5100
Description  Ultrabright White LED, Ø 5 mm Untinted Non-Diffused Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLHW5100 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLHW5100 Datasheet HTML 1Page - Vishay Siliconix VLHW5100 Datasheet HTML 2Page - Vishay Siliconix VLHW5100 Datasheet HTML 3Page - Vishay Siliconix VLHW5100 Datasheet HTML 4Page - Vishay Siliconix VLHW5100 Datasheet HTML 5Page - Vishay Siliconix VLHW5100 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VLHW5100
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 29-Apr-13
4
Document Number: 81159
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Change of Forward Voltage vs. Ambient Temperature
Fig. 8 - Coordinates of Colorgroups
Fig. 9 - Chromaticity Coordinate Shift vs. Forward Current
PACKAGE DIMENSIONS in millimeters
- 300
- 200
- 100
0
100
200
300
400
500
600
- 50
- 25
0
25
50
75
100
Tamb - Ambient Temperature (°C)
18154
10 mA
20 mA
30 mA
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.29
0.31
0.33
0.35
0.37
18162
X Coordinates
3a
3b
4a
4b
5a
5b
3c
3d
4c
4d
5c
5d
21721
I
F - Forward Current (mA)
060
50
40
30
20
10
0.30
0.31
0.32
0.33
0.34
0.35
0.36
Drawing-No.: 6.544-5398.01-4
Issue: 1; 01.04.09
21723
specifications
according to DIN
technical drawings
2.54
Ø 5 ± 0.2
0.5
1.1
0.5
Not indicated tolerances ± 0.25
21724
A
C


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn